Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLQ Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ZLQ
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLQ Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ZLQ Datasheet HTML 1Page - RUBYCON CORPORATION ZLQ Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLQ
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
16
270
680
1200
1500
1800
2200
2700
3900
4700
5600
8200
8200
10000
10000
12000
220
470
820
1200
1200
1800
1800
2700
3300
3900
5600
6800
6800
8200
8200
150
330
560
820
820
1200
1200
1800
2200
2700
3900
3900
4700
5600
5600
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
82
180
330
470
560
680
820
1200
1500
1800
2200
2700
2700
3300
3900
56
120
220
270
330
390
470
680
820
1000
1500
1500
1800
2200
2200
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
400
620
1060
1390
1470
1660
1930
2130
2500
2690
3140
3680
3500
3800
3880
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.21
0.092
0.049
0.038
0.035
0.027
0.025
0.018
0.015
0.016
0.013
0.012
0.014
0.010
0.011
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
0.77
0.34
0.15
0.12
0.11
0.081
0.075
0.054
0.045
0.041
0.033
0.030
0.035
0.025
0.028
25
35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com