Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1413 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 4 Page - Microchip Technology

  TC1413 Datasheet HTML 1Page - Microchip Technology TC1413 Datasheet HTML 2Page - Microchip Technology TC1413 Datasheet HTML 3Page - Microchip Technology TC1413 Datasheet HTML 4Page - Microchip Technology TC1413 Datasheet HTML 5Page - Microchip Technology TC1413 Datasheet HTML 6Page - Microchip Technology TC1413 Datasheet HTML 7Page - Microchip Technology TC1413 Datasheet HTML 8Page - Microchip Technology TC1413 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1413/TC1413N
DS21392B-page 4
 2002 Microchip Technology Inc.
TC1413/TC1413N ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Over operating temperature range with 4.5V
≤ VDD ≤ 16V, unless otherwise noted. Typical values are
measured at TA = +25°C, VDD = 16V.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Switching Time (Note 1)
tR
Rise Time
20
22
24
28
33
33
nsec
TA = +25°C,
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-2
tF
Fall Time
20
22
24
28
33
33
nsec
TA = +25°C,
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-2
tD1
Delay Time
35
40
40
45
50
50
nsec
TA = +25°C,
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-2
tD2
Delay Time
35
40
40
45
50
50
nsec
TA = +25°C,
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-2
Power Supply
IS
Power Supply Current
0.5
0.1
1.0
0.15
mA
VIN = 3V, VDD = 16V
VIN = 0V
Note
1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com