Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-04/SS Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F84-04/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-04/SS Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F84-04/SS Datasheet HTML 34Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 35Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 36Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 37Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 38Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 39Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 40Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 41Page - Microchip Technology PIC16F84-04/SS Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 124 page
background image
PIC16F8X
DS30430C-page 38
© 1998 Microchip Technology Inc.
FIGURE 8-1:
CONFIGURATION WORD - PIC16CR83 AND PIC16CR84
FIGURE 8-2:
CONFIGURATION WORD - PIC16F83 AND PIC16F84
R-u
R-u
R-u
R-u
R-u
R-u
R/P-u
R-u
R-u
R-u
R-u
R-u
R-u
R-u
CP
CP
CP
CP
CP
CP
DP
CP
CP
CP
PWRTE WDTE FOSC1 FOSC0
bit13
bit0
R = Readable bit
P = Programmable bit
- n = Value at POR reset
u = unchanged
bit 13:8 CP: Program Memory Code Protection bit
1 = Code protection off
0 = Program memory is code protected
bit 7
DP: Data Memory Code Protection bit
1 = Code protection off
0 = Data memory is code protected
bit 6:4
CP: Program Memory Code Protection bit
1 = Code protection off
0 = Program memory is code protected
bit 3
PWRTE: Power-up Timer Enable bit
1 = Power-up timer is disabled
0 = Power-up timer is enabled
bit 2
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1:0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
R/P-u
R/P-u
R/P-u
R/P-u R/P-u R/P-u R/P-u R/P-u
R/P-u
R/P-u
R/P-u
R/P-u
R/P-u
R/P-u
CP
CP
CP
CP
CP
CP
CP
CP
CP
CP
PWRTE WDTE FOSC1 FOSC0
bit13
bit0
R
= Readable bit
P
= Programmable bit
- n = Value at POR reset
u = unchanged
bit 13:4 CP: Code Protection bit
1 = Code protection off
0 = All memory is code protected
bit 3
PWRTE: Power-up Timer Enable bit
1 = Power-up timer is disabled
0 = Power-up timer is enabled
bit 2
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1:0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com