Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC14433 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Datasheet(HTML) 3 Page - Microchip Technology

  TC14433 Datasheet HTML 1Page - Microchip Technology TC14433 Datasheet HTML 2Page - Microchip Technology TC14433 Datasheet HTML 3Page - Microchip Technology TC14433 Datasheet HTML 4Page - Microchip Technology TC14433 Datasheet HTML 5Page - Microchip Technology TC14433 Datasheet HTML 6Page - Microchip Technology TC14433 Datasheet HTML 7Page - Microchip Technology TC14433 Datasheet HTML 8Page - Microchip Technology TC14433 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21394B-page 3
TC14433/A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VDD –VEE) ................... -0.5V to +18V
Voltage on Any Pin:
ReferencetoVEE .....................-0.5V to (VDD +0.5)
DC Current, Any Pin: ........................................ ±10mA
Power Dissipation (TA ≤ 70°C):
Plastic PLCC ................................................. 1.0W
Plastic PDIP.................................................. 940W
SOIC ............................................................. 940W
CERDIP ....................................................... 1.45W
Operating Temperature Range ............... 0°C to +70°C
Storage Temperature Range .............. -65°C to +160°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC14433/A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD =+5V,VEE =-5V,C1 =0.1µF, (Mylar), C0 =0.1µF, RC =300kΩ,R1 =470kΩ @VREF =2V,
R1 =27kΩ @VREF = 200mV, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Analog Input
TA = +25°C
TA =+25°C
SYE
Rollover Error (Positive) and
Negative Full Scale
Symmetry
-1
—
+1
—
—
—
Counts 200mV Full Scale
VIN -VIN =+VIN
NL
Linearity Output Reading
(Note 1)
-0.05
+0.05
+0.05
—
—
—
%rdg
VREF =2V
-1 count
—
+1 count
—
—
—
%rdg
VREF =200mV
SOR
Stability Output Reading
(Note 2)
——
2
—
—
—
LSD
VX =1.99V,
VREF =2V
——
3
—
—
—
LSD
VX =199mV,
VREF =200mV
ZOR
Zero Output Reading
—
0
0
——
—
LSD
VX =0V, VREF =2V
IIN
Bias Current: Analog Input
Reference Input
Analog Ground
—
±20
±100
—
—
—
pA
—
±20
±100
—
——
pA
—
±20
±100
—
——
pA
CMRR
Common mode Rejection
—
65
—
—
—
—
dB
VX =1.4V, VREF =2V,
FOC =32kHz
Note
1:
Accuracy - The accuracy of the meter at full scale is the accuracy of the setting of the reference voltage. Zero is
recalculated during each conversion cycle. The meaningful specification is linearity. In other words, the deviation from
correct reading for all inputs other than positive full scale and zero is defined as the linearity specification.
2:
The LSD stability for 200mV scale is defined as the range that the LSD will occupy 95% of the time.
3:
Pinnumbers refer to24-pinPDIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com