Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/PQ Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16LC773-04/PQ
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/PQ Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16LC773-04/PQ Datasheet HTML 52Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 53Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 54Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 55Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 56Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 57Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 58Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 59Page - Microchip Technology PIC16LC773-04/PQ Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 200 page
background image
PIC16C77X
DS30275A-page 56
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 8-3:
SSPCON2: SYNC SERIAL PORT CONTROL REGISTER2 (ADDRESS 91h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GCEN
AKSTAT
AKDT
AKEN
RCEN
PEN
RSEN
SEN
R =Readable bit
W =Writable bit
U =Unimplemented bit,
Read as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7:
GCEN: General Call Enable bit (In I2C slave mode only)
1 = Enable interrupt when a general call address (0000h) is received in the SSPSR.
0 = General call address disabled.
bit 6:
AKSTAT: Acknowledge Status bit (In I2C master mode only)
In master transmit mode:
1 = Acknowledge was not received from slave
0 = Acknowledge was received from slave
bit 5:
AKDT: Acknowledge Data bit (In I2C master mode only)
In master receive mode:
Value that will be transmitted when the user initiates an Acknowledge sequence at the end of a receive.
1 = Not Acknowledge
0 = Acknowledge
bit 4:
AKEN: Acknowledge Sequence Enable bit (In I2C master mode only).
In master receive mode:
1 = Initiate Acknowledge sequence on SDA and SCL pins, and transmit AKDT data bit. Automatically
cleared by hardware.
0 = Acknowledge sequence idle
bit 3:
RCEN: Receive Enable bit (In I2C master mode only).
1 = Enables Receive mode for I2C
0 = Receive idle
bit 2:
PEN: Stop Condition Enable bit (In I2C master mode only).
SCK release control
1 = Initiate Stop condition on SDA and SCL pins. Automatically cleared by hardware.
0 = Stop condition idle
bit 1:
RSEN: Repeated Start Condition Enabled bit (In I2C master mode only)
1 = Initiate Repeated Start condition on SDA and SCL pins. Automatically cleared by hardware.
0 = Repeated Start condition idle.
bit 0:
SEN: Start Condition Enabled bit (In I2C master mode only)
1 = Initiate Start condition on SDA and SCL pins. Automatically cleared by hardware.
0 = Start condition idle.
Note:
For bits AKEN, RCEN, PEN, RSEN, SEN: If the I2C module is not in the idle mode, this bit may not be
set (no spooling), and the SSPBUF may not be written (or writes to the SSPBUF are disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com