Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-10I/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F84-10I/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-10I/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F84-10I/SS Datasheet HTML 17Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 18Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 19Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 20Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 21Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 22Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 23Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 24Page - Microchip Technology PIC16F84-10I/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 21
5.0
I/O PORTS
The PIC16F8X has two ports, PORTA and PORTB.
Some port pins are multiplexed with an alternate func-
tion for other features on the device.
5.1
PORTA and TRISA Registers
PORTA is a 5-bit wide latch. RA4 is a Schmitt Trigger
input and an open drain output. All other RA port pins
have TTL input levels and full CMOS output drivers. All
pins have data direction bits (TRIS registers) which can
configure these pins as output or input.
Setting a TRISA bit (=1) will make the corresponding
PORTA pin an input, i.e., put the corresponding output
driver in a hi-impedance mode. Clearing a TRISA bit
(=0) will make the corresponding PORTA pin an output,
i.e., put the contents of the output latch on the selected
pin.
Reading the PORTA register reads the status of the pins
whereas writing to it will write to the port latch. All write
operations are read-modify-write operations. So a write
to a port implies that the port pins are first read, then this
value is modified and written to the port data latch.
The RA4 pin is multiplexed with the TMR0 clock input.
FIGURE 5-1:
BLOCK DIAGRAM OF PINS
RA3:RA0
EXAMPLE 5-1:
INITIALIZING PORTA
CLRF
PORTA
; Initialize PORTA by
; setting output
; data latches
BSF
STATUS, RP0
; Select Bank 1
MOVLW
0x0F
; Value used to
; initialize data
; direction
MOVWF
TRISA
; Set RA<3:0> as inputs
; RA4 as outputs
; TRISA<7:5> are always
; read as '0'.
FIGURE 5-2:
BLOCK DIAGRAM OF PIN RA4
Note: I/O pins have protection diodes to VDD and VSS.
Data
bus
Q
D
Q
CK
Q
D
Q
CK
Q
D
EN
P
N
WR
Port
WR
TRIS
Data Latch
TRIS Latch
RD TRIS
RD PORT
TTL
input
buffer
VSS
VDD
I/O pin
Data
bus
WR
PORT
WR
TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
input
buffer
N
VSS
RA4 pin
TMR0 clock input
Note: I/O pin has protection diodes to VSS only.
Q
D
Q
CK
Q
D
Q
CK
EN
Q
D
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com