Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38855 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38855
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38855 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38855 Datasheet HTML 9Page - Texas Instruments LP38855 Datasheet HTML 10Page - Texas Instruments LP38855 Datasheet HTML 11Page - Texas Instruments LP38855 Datasheet HTML 12Page - Texas Instruments LP38855 Datasheet HTML 13Page - Texas Instruments LP38855 Datasheet HTML 14Page - Texas Instruments LP38855 Datasheet HTML 15Page - Texas Instruments LP38855 Datasheet HTML 16Page - Texas Instruments LP38855 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LP38855
www.ti.com
SNVS461D – OCTOBER 2006 – REVISED APRIL 2013
REVISION HISTORY
Changes from Revision C (April 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format .......................................................................................................... 12
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com