Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC232 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC232
Description  DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC232 Datasheet(HTML) 2 Page - Microchip Technology

  TC232 Datasheet HTML 1Page - Microchip Technology TC232 Datasheet HTML 2Page - Microchip Technology TC232 Datasheet HTML 3Page - Microchip Technology TC232 Datasheet HTML 4Page - Microchip Technology TC232 Datasheet HTML 5Page - Microchip Technology TC232 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC232
2
DUAL RS-232 TRANSMITTER/
RECEIVER AND POWER SUPPLY
© 2001 Microchip Technology Inc.
DS21396A
TC232-6 10/21/96
ABSOLUTE MAXIMUM RATINGS*
VCC ............................................................................. +6V
V+ ........................................................................... +12V
V........................................................................... +12V
Input Voltages
T1IN, T2IN .................................... –0.3 to (VCC +0.3V)
R1IN, R2IN ......................................................... ±30V
Output Voltages
T1OUT, T2OUT ...................... (V+ +0.3V) to (V–0.3V)
R1OUT, R2OUT .............................. –0.3 to (VCC +0.3V)
Short Circuit Duration
V+ .................................................................... 30sec
V.................................................................... 30sec
T1OUT, T2OUT .......................................... Continuous
Storage Temperature Range .................. -65
°C to +150°C
Package Power Dissipation (TA ≤ 70°C)
CerDIP ............................................................ 890mW
Derate 9.5 mW/
°C Above +70°C
Plastic DIP ...................................................... 840mW
Derate 7 mW/
°C Above +70°C
Small Outline (SOIC) ...................................... 760mW
Derate 7 mW/
°C Above +70°C
ELECTRICAL CHARACTERISTICS: VCC = 5V ±10%, TA = operating temperature range, test circuit unless
otherwise noted.
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Voltage Swing
T1OUT, T2OUT Loaded With
±5
±9
±10
V
3 k
Ω to Ground
Power Supply Current
5
10
mA
Input Logic Threshold Low
T1IN, T2IN
0.8
V
Input Logic Threshold High
T1IN, T2IN
2—
V
Logic Pull-Up Current
T1IN, T2IN = 0V
15
200
µA
RS-232 Input Voltage Operating Range
– 30
+30
V
RS-232 Input Threshold Low
VCC = 5V
0.8
1.2
V
RS-232 Input Threshold High
VCC = 5V
1.7
2.4
V
RS-232 Input Hysteresis
0.2
0.5
1
V
RS-232 Input Resistance
TA = +25°C, VCC = 5V
3
5
7
k
TTL/CMOS Output Voltage Low
IOUT = 3.2 mA
0.4
V
TTL/CMOS Output Voltage High
IOUT = – 1 mA
3.5
V
Propagation Delay
RS-232 to TTL or TTL to RS-232
0.5
µsec
Instantaneous Slew Rate
CL = 10 pF, RL = 3 kΩ to 7 kΩ,—
30
V/
µsec
TA = +25°C (Note 1)
Transition Region Slew Rate
RL = 3 kΩ, CL = 2500 pF
3
V/
µsec
Measured From +3V to – 3V
or –3V to +3V
Output Resistance
VCC = V+ = V= 0V, VOUT = ±2V
300
RS-232 Output
±10
mA
Short-Circuit Current
NOTE 1. Sample tested.
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields.
Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions
above those indicated in the operation sections of the specifications is
not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com