Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84-20/P Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F84-20/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84-20/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F84-20/P Datasheet HTML 15Page - Microchip Technology PIC16F84-20/P Datasheet HTML 16Page - Microchip Technology PIC16F84-20/P Datasheet HTML 17Page - Microchip Technology PIC16F84-20/P Datasheet HTML 18Page - Microchip Technology PIC16F84-20/P Datasheet HTML 19Page - Microchip Technology PIC16F84-20/P Datasheet HTML 20Page - Microchip Technology PIC16F84-20/P Datasheet HTML 21Page - Microchip Technology PIC16F84-20/P Datasheet HTML 22Page - Microchip Technology PIC16F84-20/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 19
4.5
Indirect Addressing; INDF and FSR
Registers
The INDF register is not a physical register. Address-
ing INDF actually addresses the register whose
address is contained in the FSR register (FSR is a
pointer). This is indirect addressing.
EXAMPLE 4-1:
INDIRECT ADDRESSING
• Register file 05 contains the value 10h
• Register file 06 contains the value 0Ah
• Load the value 05 into the FSR register
• A read of the INDF register will return the value of
10h
• Increment the value of the FSR register by one
(FSR = 06)
• A read of the INDF register now will return the
value of 0Ah.
Reading INDF itself indirectly (FSR = 0) will produce
00h. Writing to the INDF register indirectly results in a
no-operation (although STATUS bits may be affected).
A simple program to clear RAM locations 20h-2Fh
using indirect addressing is shown in Example 4-2.
EXAMPLE 4-2:
HOW TO CLEAR RAM
USING INDIRECT
ADDRESSING
movlw
0x20
;initialize pointer
movwf
FSR
;
to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR
;inc pointer
btfss
FSR,4 ;all done?
goto
NEXT
;NO, clear next
CONTINUE
:
;YES, continue
An effective 9-bit address is obtained by concatenating
the 8-bit FSR register and the IRP bit (STATUS<7>), as
shown in Figure 4-1. However, IRP is not used in the
PIC16F8X.
FIGURE 4-1:
DIRECT/INDIRECT ADDRESSING
Direct Addressing
RP1 RP0
6
from opcode
0
IRP
7
(FSR)
0
Indirect Addressing
bank select
location select
bank select
location select
00
01
10
11
00h
7Fh
00h
0Bh
0Ch
2Fh (1)
30h (1)
7Fh
not used
Bank 0
Bank 1
Bank 2
Bank 3
Note 1:
PIC16F83 and PIC16CR83 devices.
2:
PIC16F84 and PIC16CR84 devices
3:
For memory map detail see Figure 4-1.
4Fh (2)
50h (2)
Addresses
map back
to Bank 0
Data
Memory (3)
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com