Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6355 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU6355
Description  SERIAL I/O REAL TIME CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6355 Datasheet(HTML) 2 Page - New Japan Radio

  NJU6355 Datasheet HTML 1Page - New Japan Radio NJU6355 Datasheet HTML 2Page - New Japan Radio NJU6355 Datasheet HTML 3Page - New Japan Radio NJU6355 Datasheet HTML 4Page - New Japan Radio NJU6355 Datasheet HTML 5Page - New Japan Radio NJU6355 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJU6355
- 2 -
sTREMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
1
I/O
Input/Output Select Terminal for DATA Terminal
"H" : Input,
"L" : Output
During the CE terminal is "L", the DATA terminal is high impedance.
2
XT
3
XT
Quartz Crystal Connecting Terminal (f=32.768kHz)
Refer to the line-up table for internal Cg, Cd value.
5
CE
Chip Enable Input Terminal (with Pull-down Resistance)
"H" : DATA input/output is available.
"L" : DATA terminal is high impedance.
When the CE signal is which rising edge or falling edge,
the CLK signal should be fixed to "L".
6
CLK
Clock Input Terminal
The DATA input/output is synchronized this clock.
When the CE terminal is "L" the DATA terminal is high impedance.
I/O
CE
DATA
H
H
Input
L
H
Output
H
L
High Impedance
L
L
High Impedance
7
DATA
Serial Timer Data Input/Output Terminal
8
VDD
Power Supply
4
VSS
GND
sFUNCTIONAL DESCRIPTION
1. Timer Data Structure
The NJU6355 using BCD code which consisting of 4 bits per 1 digit.
The calender function including the last
date of each month and the leap year calculation is executed automatically.
The unused bit for the timer data is
“0”.
Timer Data Bit Map
MSB
LSB
Range
Second
0
S6
S5
S4
S3
S2
S1
S0
0 to 59
Minute
0
m6 m5 m4 m3 m2 m1 m0
0 to 59
Hour
0
0
H5
H4
H3
H2
H1
H0
0 to 23
Days of Week
0
W2 W1 W0
1 to 7
Day
0
0
D5
D4
D3
D2
D1
D0
1 to 31
Month
0
0
0
M4 M3 M2 M1 M0
1 to 12
Year
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
0 to 99



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com