Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C55-04/P Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16C55-04/P
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C55-04/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16C55-04/P Datasheet HTML 22Page - Microchip Technology PIC16C55-04/P Datasheet HTML 23Page - Microchip Technology PIC16C55-04/P Datasheet HTML 24Page - Microchip Technology PIC16C55-04/P Datasheet HTML 25Page - Microchip Technology PIC16C55-04/P Datasheet HTML 26Page - Microchip Technology PIC16C55-04/P Datasheet HTML 27Page - Microchip Technology PIC16C55-04/P Datasheet HTML 28Page - Microchip Technology PIC16C55-04/P Datasheet HTML 29Page - Microchip Technology PIC16C55-04/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
PIC16CR54C
DS40191A-page 26
Preliminary
© 1998 Microchip Technology Inc.
7.2
Oscillator Configurations
7.2.1
OSCILLATOR TYPES
PIC16CR54Cs can be operated in four different
oscillator
modes.
The
user
can
program
two
configuration bits (FOSC1:FOSC0) to select one of
these four modes:
• LP:
Low Power Crystal
• XT:
Crystal/Resonator
• HS:
High Speed Crystal/Resonator
• RC:
Resistor/Capacitor
7.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT, LP or HS modes, a crystal or ceramic resonator
is connected to the OSC1/CLKIN and OSC2/CLKOUT
pins
to
establish
oscillation
(Figure 7-2).
The
PIC16CR54C oscillator design requires the use of a
parallel cut crystal. Use of a series cut crystal may
give a frequency out of the crystal manufacturers
specifications. When in XT, LP or HS modes, the
device can have an external clock source drive the
OSC1/CLKIN pin (Figure 7-3).
FIGURE 7-2:
CRYSTAL OPERATION
(OR CERAMIC RESONATOR)
(HS, XT OR LP OSC
CONFIGURATION)
Note 1: See Capacitor Selection tables for
recommended values of C1 and C2.
2: A series resistor (RS) may be required for
AT strip cut crystals.
3: RF varies with the crystal chosen (approx.
value = 10 M
Ω).
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
SLEEP
To internal
logic
RS(2)
PIC16CR54C
FIGURE 7-3:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR LP
OSC CONFIGURATION)
TABLE 7-1:
CAPACITOR SELECTION
FOR CERAMIC RESONATORS
- PIC16CR54C
TABLE 7-2:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR
- PIC16CR54C
Osc
Type
Resonator
Freq
Cap. Range
C1
Cap. Range
C2
XT
455 kHz
2.0 MHz
4.0 MHz
68-100 pF
15-33 pF
10-22 pF
68-100 pF
15-33 pF
10-22 pF
HS
8.0 MHz
16.0 MHz
10-22 pF
10 pF
10-22 pF
10 pF
These values are for design guidance only. Since
each resonator has its own characteristics, the user
should consult the resonator manufacturer for
appropriate values of external components.
Osc
Type
Resonator
Freq
Cap.Range
C1
Cap. Range
C2
LP
32 kHz(1)
15 pF
15 pF
XT
100 kHz
200 kHz
455 kHz
1 MHz
2 MHz
4 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15 pF
15 pF
200-300 pF
100-200 pF
15-100 pF
15-30 pF
15 pF
15 pF
HS
4 MHz
8 MHz
20 MHz
15 pF
15 pF
15 pF
15 pF
15 pF
15 pF
Note 1: For VDD > 4.5V, C1 = C2
≈ 30 pF is
recommended.
These values are for design guidance only. Rs may
be required in HS mode as well as XT mode to avoid
overdriving crystals with low drive level specification.
Since each crystal has its own characteristics, the
user should consult the crystal manufacturer for
appropriate values of external components.
Note:
If you change from this device to
another device, please verify oscillator
characteristics in your application.
Clock from
ext. system
OSC1
OSC2
PIC16CR54C
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com