Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXS5UD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESDXS5UD
Description  Fivefold ESD protection diode arrays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS5UD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESDXS5UD Datasheet HTML 2Page - NXP Semiconductors PESDXS5UD Datasheet HTML 3Page - NXP Semiconductors PESDXS5UD Datasheet HTML 4Page - NXP Semiconductors PESDXS5UD Datasheet HTML 5Page - NXP Semiconductors PESDXS5UD Datasheet HTML 6Page - NXP Semiconductors PESDXS5UD Datasheet HTML 7Page - NXP Semiconductors PESDXS5UD Datasheet HTML 8Page - NXP Semiconductors PESDXS5UD Datasheet HTML 9Page - NXP Semiconductors PESDXS5UD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PESDXS5UD_SER_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
6 of 13
NXP Semiconductors
PESDxS5UD series
Fivefold ESD protection diode arrays
f = 1 MHz; Tamb =25 °C
(1) PESD3V3S5UD
(2) PESD5V0S5UD
f = 1 MHz; Tamb =25 °C
(1) PESD12VS5UD
(2) PESD15VS5UD
(3) PESD24VS5UD
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Diode capacitance as a function of reverse
voltage; typical values
PESD3V3S5UD; PESD5V0S5UD
IR is less than 5 nA at 150 °C for:
PESD12VS5UD; PESD15VS5UD; PESD24VS5UD
Fig 7.
Relative variation of reverse leakage current as
a function of junction temperature; typical
values
Fig 8.
V-I characteristics for a unidirectional ESD
protection diode
VR (V)
05
4
23
1
006aaa700
140
100
180
220
Cd
(pF)
60
(1)
(2)
VR (V)
025
20
10
15
5
006aaa701
40
20
60
80
Cd
(pF)
0
(1)
(2)
(3)
006aaa699
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IRM
IRM(25°C)
006aaa407
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
−
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com