Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9685 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel 12-bit PWM Fm I2C-bus LED controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9685 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9685 Datasheet HTML 9Page - NXP Semiconductors PCA9685 Datasheet HTML 10Page - NXP Semiconductors PCA9685 Datasheet HTML 11Page - NXP Semiconductors PCA9685 Datasheet HTML 12Page - NXP Semiconductors PCA9685 Datasheet HTML 13Page - NXP Semiconductors PCA9685 Datasheet HTML 14Page - NXP Semiconductors PCA9685 Datasheet HTML 15Page - NXP Semiconductors PCA9685 Datasheet HTML 16Page - NXP Semiconductors PCA9685 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 16 April 2015
13 of 52
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
[1]
Writes to PRE_SCALE register are blocked when SLEEP bit is logic 0 (MODE 1).
[2]
Reserved. Writes to this register may cause unpredictable results.
Remark: Auto Increment past register 69 will point to MODE1 register (register 0).
Auto Increment also works from register 250 to register 254, then rolls over to register 0.
62
3E
0
0
1
1
1
1
1
0
LED14_ON_L
read/write
LED14 output and
brightness control byte 0
63
3F
0
0
1
1
1
1
1
1
LED14_ON_H
read/write
LED14 output and
brightness control byte 1
64
40
0
1
0
0
0
0
0
0
LED14_OFF_L
read/write
LED14 output and
brightness control byte 2
65
41
0
1
0
0
0
0
0
1
LED14_OFF_H
read/write
LED14 output and
brightness control byte 3
66
42
0
1
0
0
0
0
1
0
LED15_ON_L
read/write
LED15 output and
brightness control byte 0
67
43
0
1
0
0
0
0
1
1
LED15_ON_H
read/write
LED15 output and
brightness control byte 1
68
44
0
1
0
0
0
1
0
0
LED15_OFF_L
read/write
LED15 output and
brightness control byte 2
69
45
0
1
0
0
0
1
0
1
LED15_OFF_H
read/write
LED15 output and
brightness control byte 3
...
reserved for future use
250
FA
1
1
1
1
1
0
1
0
ALL_LED_ON_L
write/read
zero
load all the LEDn_ON
registers, byte 0
251
FB
1
1
1
1
1
0
1
1
ALL_LED_ON_H
write/read
zero
load all the LEDn_ON
registers, byte 1
252
FC
1
1
1
1
1
1
0
0
ALL_LED_OFF_L
write/read
zero
load all the LEDn_OFF
registers, byte 0
253
FD
1
1
1
1
1
1
0
1
ALL_LED_OFF_H
write/read
zero
load all the LEDn_OFF
registers, byte 1
254
FE
1
1
1
1
1
1
1
0
PRE_SCALE[1]
read/write
prescaler for PWM output
frequency
255
FF
11
111
111
TestMode[2]
read/write
defines the test mode to
be entered
...
All further addresses are reserved for future use; reserved addresses will not be acknowledged.
Table 4.
Register summary …continued
Register #
(decimal)
Register #
(hex)
D7 D6 D5 D4 D3 D2 D1 D0 Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com