Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4426A Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4426A
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426A Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4426A Datasheet HTML 3Page - Microchip Technology TC4426A Datasheet HTML 4Page - Microchip Technology TC4426A Datasheet HTML 5Page - Microchip Technology TC4426A Datasheet HTML 6Page - Microchip Technology TC4426A Datasheet HTML 7Page - Microchip Technology TC4426A Datasheet HTML 8Page - Microchip Technology TC4426A Datasheet HTML 9Page - Microchip Technology TC4426A Datasheet HTML 10Page - Microchip Technology TC4426A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2002 Microchip Technology Inc.
DS21423B-page 7
TC4426A/TC4427A/TC4428A
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
5.0
7.5
10.0
12.5
15.0
17.5
0
20
40
60
80
100
Rise Time vs. Supply Voltage
TA = +25°C
VDD (V)
CL = 2200pF
CL = 1500pF
CL = 100pF
CL
CL = 470pF
12
3
4
5
6
7
8
9
20
70
60
50
40
30
80
90
100
110
Effect of Input Amplitude on Delay
VDD (V)
CL = 1000pF
VDD = 10V
tD1
tD2
-100
-50
0
50
100
150
24
22
20
18
16
14
26
28
Rise and Fall Times vs. Temperature
CL = 1000pF
VDD = 18V
TEMPERATURE (
°C)
tFALL
tRISE
5.0
7.5
10.0
12.5
15.0
17.5
0
20
40
60
80
100
Fall Time vs. Supply Voltage
TA = +25°C
VDD (V)
CL = 1500pF
L
CL
CL = 470pF
0
5
10
15
20
50
45
40
35
30
25
20
55
60
Propagation Delay Time vs. Supply Voltage
VDD (V)
CL = 1000pF
tD1
tD2
15
20
25
30
35
40
-100
-50
0
50
100
150
Propagation Delay Time vs. Temperature
CL = 1000pF
VDD = 18V
TEMPERATURE (
°C)
tD1
tD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com