Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C766-08/CL Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC17C766-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C766-08/CL Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC17C766-08/CL Datasheet HTML 17Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 18Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 19Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 20Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 21Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 22Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 23Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 24Page - Microchip Technology PIC17C766-08/CL Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 21
PIC17C7XX
5.0
RESET
The PIC17CXXX differentiates between various kinds
of reset:
• Power-on Reset (POR)
• Brown-out Reset
• MCLR Reset
• WDT Reset
Some registers are not affected in any reset condition,
their status is unknown on POR and unchanged in any
other reset. Most other registers are forced to a “reset
state”. The TO and PD bits are set or cleared differently
in different reset situations as indicated in Table 5-3.
These bits, in conjunction with the POR and BOR bits,
are used in software to determine the nature of the
reset. See Table 5-4 for a full description of the reset
states of all registers.
When the device enters the "reset state" the Data
Direction registers (DDR) are forced set, which will
make the I/O hi-impendance inputs. The reset state of
some peripheral modules may force the I/O to other
operations, such as analog inputs or the system bus.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 5-1.
Note:
While the device is in a reset state, the
internal phase clock is held in the Q1 state.
Any processor mode that allows external
execution will force the RE0/ALE pin as a
low output and the RE1/OE and RE2/WR
pins as high outputs.
FIGURE 5-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
Reset
MCLR
VDD
OSC1
WDT
Module
VDD rise
detect
OST/PWRT
On-chip
RC OSC†
WDT
Time_Out
Power_On_Reset
OST
10-bit Ripple counter
PWRT
Chip_Reset
10-bit Ripple counter
(Enable the PWRT timer
only during POR or BOR)
(If PWRT is invoked, or a Wake-up from
SLEEP and OSC type is XT or LF)
Reset
† This RC oscillator is shared with the WDT
when not in a power-up sequence.
BOR
Module
Brown-out
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com