Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC51 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC51
Description  1關A Voltage Detector with Output Delay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC51 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC51 Datasheet HTML 3Page - Microchip Technology TC51 Datasheet HTML 4Page - Microchip Technology TC51 Datasheet HTML 5Page - Microchip Technology TC51 Datasheet HTML 6Page - Microchip Technology TC51 Datasheet HTML 7Page - Microchip Technology TC51 Datasheet HTML 8Page - Microchip Technology TC51 Datasheet HTML 9Page - Microchip Technology TC51 Datasheet HTML 10Page - Microchip Technology TC51 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2002 Microchip Technology Inc.
DS21429B-page 7
TC51
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
15.0
12.5
7.5
5.0
2.5
0.0
0.0
0.5
1.0
1.5
2.0
VDS (V)
10.0
TC51N1602
4. OUTPUT CURRENT VS. VDS
TA = 25°C
VIN = 1.5V
1.0V
1400
1200
800
600
400
200
0
0.2
0.4
0.6
0.8
1.0
VDS (V)
1000
TC51N1602
TA = 25°C
VIN = 0.8V
0.7V
30
25
15
10
5
0
0.0
0.5
1.0
1.5
2.0
2.5
VDS (V)
20
TC51N2502
TA = 25°C
VIN = 2.0V
1.5V
1200
1000
600
400
200
0
0.0
0.2
0.4
0.6
0.8
1.0
VDS (V)
800
TC51N2502
TA = 25°C
VIN = 0.8V
0.7V
60
50
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0 3.5
VDS (V)
40
TC51N3502
TA = 25°C
VIN = 3.0V
VIN = 0.8V
2.5V
0.7V
2.0V
1.5V
1400
1200
800
600
400
200
0.0
0.2
0.4
0.6
0.8
1.0
VDS (V)
1000
TC51N3502
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com