Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC534 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC534
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC534 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC534 Datasheet HTML 11Page - Microchip Technology TC534 Datasheet HTML 12Page - Microchip Technology TC534 Datasheet HTML 13Page - Microchip Technology TC534 Datasheet HTML 14Page - Microchip Technology TC534 Datasheet HTML 15Page - Microchip Technology TC534 Datasheet HTML 16Page - Microchip Technology TC534 Datasheet HTML 17Page - Microchip Technology TC534 Datasheet HTML 18Page - Microchip Technology TC534 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21433B-page 15
TC530/TC534
6.0
TYPICAL CHARACTERISTICS
The graphs and tables following this note are a statistical summary based on a limited number of samples and are
provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed.
In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified
power supply range), and therefore outside the warranted range.
LOAD CURRENT (mA)
-5
-4
-3
-2
-1
0
1
2
3
4
5
010
20
30
40
50
60
70
80
Output Voltage vs. Load Current
TA = 25˚C
V+ = 5V
Slope 60
Ω
LOAD CURRENT (mA)
0
3
456
12
7
8
9
10
0
25
50
75
100
125
150
175
200
Output Ripple vs. Load Current
V+ = 5V, TA = 25˚C
Osc. Freq. = 100kHz
CAP = 1
µF
CAP = 10
µF
OSCILLATOR CAPACITANCE (pF)
100
10
1
110
100
1000
Oscillator Frequency vs. Capacitance
TA = +25˚C
V+ = 5V
OUTPUT CURRENT (mA)
06
8
10
4
214
16
18
12
20
-0
-1
-3
-2
-4
-5
-7
-6
-8
Output Voltage vs. Output Current
TA = 25˚C
TEMPERATURE (˚C)
70
80
90
100
60
50
40
-50
025
-25
50
75
100
Output Source Resistance vs. Temperature
V+ = 5V
IOUT = 10mA
TEMPERATURE (˚C)
125
150
100
75
50
-50
025
-25
50
75
125
100
Oscillator Frequency vs. Temperature
V+ = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com