Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF740G-TQ2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF740G-TQ2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740G-TQ2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UF740G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UF740
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-078. G
TYPICAL PERFORMANCE CUVES
100
10
0.1
Drain to Source Voltage, VDS (V)
102
10
1
1
103
Drain to Source Voltage, VDS (V)
80
200
Output Characteristics
0
160
40
0
3
9
12
15
120
6
Forward Bias Safe Operating Area
TC=25℃
TJ=MAX RATED
SINGLE PULSE
DC
10ms
1ms
100μs
10μs
OPERATION IN THIS
REGION IS LIMITED BY
RDS(ON)
VGS = 10V
VGS = 6.0V
PULSE DURATION=80μS
DUTY CYCLE = 0.5% MAX
VGS = 5.5V
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
Drain to Source Voltage, VDS (V)
4
6
10
Saturation Characteristics
0
8
2
0
3
6
9
12
15
Gate to Source Voltage, VSD (V)
2
8
10
Transfer Characteristics
0.1
0
1
10
100
6
4
VGS=5.0V
VGS=10V
VGS=4.5V
PULSE DURATION=80μS
DUTY CYCLE = 0.5% MAX
VGS=5.5V
VGS=4.0V
VGS=6.0V
TJ = 25℃
TJ = 150℃
PULSE DURATION=80μS
DUTY CYCLE = 0.5% MAX
VDS≥50V
Junction Temperature, TJ (℃)
0
80
Normalized Drain to Source Breakdown Voltage vs. Junction
Temperature
0.75
160
-60
1.25
40
120
0.85
0.95
1.05
1.15
140
100
60
20
-40
ID=250μA
-20
Capacitance vs. Drain to Source Voltage
Drain to Source Voltage, VDS (V)
0
500
1000
2500
2000
1500
CISS
VGS=0V, f=1MHz
CISS=CGS+CGD
CRSS=CGD
COSS≈CDS+CGD
COSS
CRSS
1
10
2
2
10
5
2
5
10
3
2
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com