Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF9640G-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF9640G-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF9640G-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UF9640G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UF9640
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-484.E
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250µA
-200
V
Breakdown Voltage Temp. Coefficient
∆V(BR)DSS/∆TJ
ID=-1mA,
Referenced to 25°C
-0.20
V/°C
Drain-Source Leakage Current
IDSS
VDS=-200V, VGS=0V
-100
µA
Forward
VGS=+20V
+100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-2.0
-4.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-6.6A (Note 4)
0.50
Ω
Forward Transconductance
gFS
VDS=-50V, ID=-6.6A (Note 4)
4.1
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1200
pF
Output Capacitance
COSS
370
pF
Reverse Transfer Capacitance
CRSS
81
pF
Internal Source Inductance
LS
VDS=-25V,VGS=0V,f=1.0MHz
7.5
nH
SWITCHING PARAMETERS
Total Gate Charge
QG
44
nC
Gate-Source Charge
QGS
7.1
nC
Gate-Drain Charge
QGD
VDS=-160V, VGS=-10V,
ID=-11A (Note4)
27
nC
Turn-ON Delay Time
tD(ON)
14
ns
Turn-ON Rise Time
tR
43
ns
Turn-OFF Delay Time
tD(OFF)
39
ns
Turn-OFF Fall Time
tF
VDD=-100V,ID=-11A,RG=9.1Ω,
RD=8.6Ω (Note 4)
38
ns
Internal Drain Inductance
LD
Between lead, 6mm (0.25in.)
from package and center of
die contact
4.5
nH
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
-11
A
Maximum Body-Diode Pulsed Current
ISM
-44
A
Drain-Source Diode Forward Voltage
VSD
IS =-11A, VGS=0V, TJ=25°C
-5.0
V
Body Diode Reverse Recovery Time
tRR
250
300
ns
Body Diode Reverse Recovery Charge
QRR
IF=-11A, TJ=25°C
dI/dt=100A/μs (Note 4)
2.9
3.6
μC
Forward Turn-On Time
tON
Intrinsic turn-on time is neglegibal (turn-on is dominated
by LS+LD)
Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. VDD=-50V, Starting TJ=25°C, L=8.7mH, RG=25Ω, IAS=-11A
3. ISD ≤-11A, di/dt ≤150A/μs, VDD ≤BVDSS, Starting TJ=150°C
4. Pulse Test : Pulse width≤300μs, Duty cycle≤2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com