Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628T-04/P Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F628T-04/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628T-04/P Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F628T-04/P Datasheet HTML 65Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 66Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 67Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 68Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 69Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 70Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 71Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 72Page - Microchip Technology PIC16F628T-04/P Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 69
PIC16F62X
11.0
VOLTAGE REFERENCE
MODULE
The Voltage Reference is a 16-tap resistor ladder
network that provides a selectable voltage reference.
The resistor ladder is segmented to provide two ranges
of VREF values and has a power-down function to
conserve power when the reference is not being used.
The VRCON register controls the operation of the
reference as shown in Figure 11-1. The block diagram
is given in Figure 11-2.
11.1
Configuring the Voltage Reference
The Voltage Reference can output 16 distinct voltage
levels for each range.
The equations used to calculate the output of the
Voltage Reference are as follows:
if VRR = 1: VREF = (VR<3:0>/24) x VDD
if VRR = 0: VREF = (VDD x 1/4) + (VR<3:0>/32) x VDD
The setting time of the Voltage Reference must be
considered
when
changing
the
VREF
output
(Table 12-2). Example 11-1 shows an example of how
to configure the Voltage Reference for an output volt-
age of 1.25V with VDD = 5.0V.
FIGURE 11-1:
VRCON REGISTER(ADDRESS 9Fh)
FIGURE 11-2: VOLTAGE REFERENCE BLOCK DIAGRAM
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
VROE
VRR
—VR3
VR2
VR1
VR0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read
as ’0’
-n = Value at POR reset
bit7
bit0
bit 7:
VREN: VREF Enable
1
= VREF circuit powered on
0
= VREF circuit powered down, no IDD drain
bit 6:
VROE: VREF Output Enable
1
= VREF is output on RA2 pin
0
= VREF is disconnected from RA2 pin
bit 5:
VRR: VREF Range selection
1
= Low Range
0
= High Range
bit 4:
Unimplemented: Read as '0'
bit 3-0: VR<3:0>: VREF value selection 0
≤ VR [3:0] ≤ 15
when VRR = 1: VREF = (VR<3:0>/ 24) * VDD
when VRR = 0: VREF = 1/4 * VDD + (VR<3:0>/ 32) * VDD
Note:
R is defined in Table 12-3.
VRR
8R
VR3
VR0
(From VRCON<3:0>)
16-1 Analog Mux
8R
R
R
R
R
VREN
VREF
16 Stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com