Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC573302 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC573302
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC573302 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC573302 Datasheet HTML 3Page - Microchip Technology TC573302 Datasheet HTML 4Page - Microchip Technology TC573302 Datasheet HTML 5Page - Microchip Technology TC573302 Datasheet HTML 6Page - Microchip Technology TC573302 Datasheet HTML 7Page - Microchip Technology TC573302 Datasheet HTML 8Page - Microchip Technology TC573302 Datasheet HTML 9Page - Microchip Technology TC573302 Datasheet HTML 10Page - Microchip Technology TC573302 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21437B-page 7
TC57
4.0
TYPICAL CHARACTERISTICS (CONTINUED)
0.8
1.0
0.6
0.2
0.0
0
200
400
600
800
1000
0.4
TC575002 (5V)
CL = 10µF (Tantalum)
3. DROPOUT VOLTAGE vs. OUTPUT CURRENT
0.8
1.0
0.6
0.2
0.0
0
200
400
600
800
1000
OUTPUT CURRENT IOUT (mA)
OUTPUT CURRENT IOUT (mA)
OUTPUT CURRENT IOUT (mA)
0.4
TC574002 (4V)
1.0
0.8
0.4
0.2
0.0
0
200
400
600
800
1000
0.6
TC573302 (3.3V)
-3
30
°C
-30
0
°C
-30
°C
80
°C
80
°C
80
°C
TOPR = 25°C
CL = 10µF (Tantalum)
CL = 10µF (Tantalum)
TOPR
R
OPR = 25°C
T
TOPR 25
= 25
°°°C
C
4. SUPPLY CURRENT vs. INPUT VOLTAGE
50
40
20
10
46
5
0
3
INPUT VOLTAGE VIN (V)
30
7
TC573302 (3.3V)
50
40
20
10
67
8
0
5
INPUT VOLTAGE VIN (V)
30
TC575002 (5V)
INPUT VOLTAGE VIN (V)
50
40
20
10
0
45
6
30
TC574002 (4V)
-30
°C
-30
°C
-30
°C
TOPR = 25°C, 80°C
TOPR = 25°C, 80°C
TOPR = 25°C, 80°C
5. OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
AMBIENT TEMP. TA (°C)
VIN = 6.0V
IOUT = 100mA, CL = 10µF (Tantalum)
5.10
5.05
4.95
4.90
-40
-20
0
20
40
60
80
5.00
TC575002 (5V)
4.10
4.05
3.95
3.90
20
40
60
80
-40
-20
0
AMBIENT TEMP. TA (°C)
4.00
TC574002 (4V)
80
AMBIENT TEMP. TA (°C)
3.40
3.35
3.25
3.20
-40
-20
0
20
40
60
3.30
TC573302 (3.3V)
VIN = 5.0V
IOUT = 100mA, CL = 10µF (Tantalum)
VIN = 4.3V
IOUT = 100mA, CL = 10µF (Tantalum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com