Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC646 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC646
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC646 Datasheet HTML 10Page - Microchip Technology TC646 Datasheet HTML 11Page - Microchip Technology TC646 Datasheet HTML 12Page - Microchip Technology TC646 Datasheet HTML 13Page - Microchip Technology TC646 Datasheet HTML 14Page - Microchip Technology TC646 Datasheet HTML 15Page - Microchip Technology TC646 Datasheet HTML 16Page - Microchip Technology TC646 Datasheet HTML 17Page - Microchip Technology TC646 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TC646
DS21446C-page 14
 2002 Microchip Technology Inc.
A base-current limiting resistor is required with bipolar
transistors. This is shown in Figure 5-6.
FIGURE 5-6:
Circuit For Determining
RBASE.
The correct value for this resistor can be determined as
follows:
VOH
= VRSENSE + VBE(SAT) + VRBASE
VRSENSE = IFAN x RSENSE
VRBASE
= RBASE x IBASE
IBASE
= IFAN / hFE
VOH is specified as 80% of VDD in Section 1.0,
“Electrical Characteristics”; VBE(SAT) is given in the
chosen transistor data sheet. It is now possible to solve
for RBASE.
EQUATION
Some applications benefit from the fan being powered
from a negative supply to keep motor noise out of the
positive supply rails. This can be accomplished as
shown in Figure 5-8. Zener diode D1 offsets the -12V
power supply voltage, holding transistor Q1 off when
VOUT is low. When VOUT is high, the voltage at the
anode of D1 increases by VOUT, causing Q1 to turn on.
Operation is otherwise the same as in the case of fan
operation from +12V.
FIGURE 5-7:
Output Drive Transistor Circuit Topologies.
Q1
GND
VDD
RSENSE
RBASE
VOH = 80% VDD
+ V
RBASE
–
VBE
(SAT)
–
+
VR
SENSE
–
Fan
+
RBASE =
VOH - VBE(SAT) - VRSENSE
IBASE
Q1
Q1
Q2
GND
VDD
RSENSE
RBASE
VOUT
VOUT
Fan
a) Single Bipolar Transistor
Q1
GND
VDD
RSENSE
VOUT
c) N-Channel MOSFET
GND
VDD
RSENSE
RBASE
Fan
b) Darlington Transistor Pair
Fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com