Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC649 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC649 Datasheet HTML 10Page - Microchip Technology TC649 Datasheet HTML 11Page - Microchip Technology TC649 Datasheet HTML 12Page - Microchip Technology TC649 Datasheet HTML 13Page - Microchip Technology TC649 Datasheet HTML 14Page - Microchip Technology TC649 Datasheet HTML 15Page - Microchip Technology TC649 Datasheet HTML 16Page - Microchip Technology TC649 Datasheet HTML 17Page - Microchip Technology TC649 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TC649
DS21449C-page 14
 2002 Microchip Technology Inc.
A base-current limiting resistor is required with bipolar
transistors (Figure 5-7). The correct value for this
resistor can be determined as follows:
VOH
= VRSENSE + VBE(SAT) + VRBASE
VRSENSE
= IFAN x RSENSE
VRBASE
= RBASE x IBASE
IBASE
= IFAN / hFE
VOH is specified as 80% of VDD in Section 1.0,
“Electrical Characteristics”; VBE(SAT) is given in the cho-
sen transistor data sheet. It is now possible to solve for
RBASE.
EQUATION
Some applications benefit from the fan being powered
from a negative supply to keep motor noise out of the
positive supply rails. This can be accomplished as
shown in Figure 5-8, with zener diode D1 offsetting the
-12V power supply voltage, holding transistor Q1 off
when VOUT is low. When VOUT is high, the voltage at
the anode of D1 increases by VOUT, causing Q1 to turn
on. Operation is otherwise the same as in the case of
fan operation from +12V.
FIGURE 5-7:
Circuit For Determining
RBASE.
FIGURE 5-8:
Powering the Fan from a -12V Supply.
RBASE =
VOH - VBE(SAT) - VRSENSE
IBASE
Q1
GND
VDD
RSENSE
RBASE
VOH = 80% VDD
+ V
RBASE
–
VBE
(SAT)
–
+
VR
SENSE
–
Fan
+
GND
+5V
-12V
Q1*
VDD
VOUT
TC649
FAN
R2*
2.2 k
Ω
R3*
2.2
Ω
R4*
10 k
Ω
D1
12.0V
Zener
Note: * Value depends on the specific application and is shown for example only.
See Section 5.0, "Typical Applications", for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com