Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC648E Datasheet(PDF) 16 Page - Microchip Technology

Part # TC648E
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648E Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC648E Datasheet HTML 12Page - Microchip Technology TC648E Datasheet HTML 13Page - Microchip Technology TC648E Datasheet HTML 14Page - Microchip Technology TC648E Datasheet HTML 15Page - Microchip Technology TC648E Datasheet HTML 16Page - Microchip Technology TC648E Datasheet HTML 17Page - Microchip Technology TC648E Datasheet HTML 18Page - Microchip Technology TC648E Datasheet HTML 19Page - Microchip Technology TC648E Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TC648
DS21448C-page 16
 2002 Microchip Technology Inc.
FIGURE 5-9:
TC648 as a Microcontroller Peripheral.
CMOS
Microcontroller
TC648
VIN
CF
VAS
GND
VDD
VOUT
OTF
NC
+5V
Analog or Digital
Temperature
Data from one or
more Sensors
I/O0
I/O1
I/O2
I/O3
INT
GND
(Optional)
(MSB)
R1
110 k
Ω
R2
240 k
Ω
R3
360 k
Ω
(LSB)
R5
1.5 k
Ω
+5V
R6
1 k
Ω
R4
18 k
Ω
R7
33 k
Ω
+5V
R8
18 k
Ω
CB
.01
µF
+
1
µF
CB
.01
µF
CMOS
Outputs
Open-Drain
Outputs
Fan
+12V
+5V
CB
1
µF
+
R9
800
Ω
+5V
R10
10 k
Ω
2N2222A
1
2
3
4
5
6
7
8
(RESET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com