Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W94AD6KB Datasheet(PDF) 13 Page - Winbond

Part # W94AD6KB
Description  Standard Self Refresh Mode
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W94AD6KB Datasheet(HTML) 13 Page - Winbond

Back Button W94AD6KB Datasheet HTML 9Page - Winbond W94AD6KB Datasheet HTML 10Page - Winbond W94AD6KB Datasheet HTML 11Page - Winbond W94AD6KB Datasheet HTML 12Page - Winbond W94AD6KB Datasheet HTML 13Page - Winbond W94AD6KB Datasheet HTML 14Page - Winbond W94AD6KB Datasheet HTML 15Page - Winbond W94AD6KB Datasheet HTML 16Page - Winbond W94AD6KB Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
W94AD6KB / W94AD2KB
Publication Release Date: Oct. 02, 2014
Revision: A01-005
- 13 -
7.1.2
Initialization Waveform Sequence
VDD
VDDQ
CK
CK
CKE
Command
Address
A10
BA0,BA1
DM
DQ, DQS
200µs
tCK
tRP
tRFC
tRFC
tMRD
tMRD
NOP
PRE
ARF
ARF
MRS
MRS
ACT
CODE
CODE
CODE
CODE
RA
RA
BA
All
Banks
(High-Z)
VDD / VDDQ powered up
Clock stable
Load
Mode Reg.
= Don't Care
BA0 = L
BA1 = H
BA0 = L
BA1 = L
Load
Ext. Mode Reg.
7.2
Mode Register Set Operation
The Mode Register is used to define the specific mode of operation of the LPDDR SDRAM. This
definition includes the definition of a burst length, a burst type, a CAS latency as shown in the
following figure.
The Mode Register is programmed via the MODE REGISTER SET command (with BA0=0 and
BA1=0) and will retain the stored information until it is reprogrammed, the device goes into Deep
Power Down mode, or the device loses power.
Mode Register bits A0-A2 specify the burst length, A3 the type of burst (sequential or interleave), A4-
A6 the CAS latency. A logic 0 should be programmed to all the undefined addresses bits to ensure
future compatibility.
The Mode Register must be loaded when all banks are idle and no bursts are in progress, and the
controller must wait the specified time tMRD before initiating any subsequent operation. Violating either
of these requirements will result in unspecified operation.
Reserved states should not be used, as unknown operation or incompatibility with future versions may
result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com