Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C56-04/SS Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16C56-04/SS
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C56-04/SS Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16C56-04/SS Datasheet HTML 76Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 77Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 78Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 79Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 80Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 81Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 82Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 83Page - Microchip Technology PIC16C56-04/SS Datasheet HTML 84Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40191A-page 83
PIC16CR54C
PIC16CR54C PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
-XX
X
/XX
XXX
Pattern
Package
Temperature
Range
Frequency
Range
Device
Device
PIC16CR54C(2), PIC16CR54CT(3)
Frequency
Range
04
20
C
= 4 MHz
= 20 MHz
Temperature
Range
b(1)
I
=
0
°C to +70°C (Commercial)
= -40
°C to +85°C (Industrial)
Package
P
SO
SS
= PDIP
= SOIC (Gull Wing, 300 mil body)
= SSOP (209 mil body)
Pattern
3-digit Pattern Code for ROM (blank otherwise)
Examples:
a)
PIC16CR54C -04/P 301 = Commercial
temp., PDIP package, 4MHz, normal VDD
limitis, pattern #301.
b)
PIC16CR54C - 20I/P355 = ROM pro-
gram memory, Industrial temp., PDIP
package, 20MHz, normal VDD limits.
Note 1:
b = blank
2:
CR = ROM Version, Standard VDD
range
3:
T = in tape and reel - SOIC, SSOP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com