| Electronic Components Datasheet Search |
|
TC665 Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC665 Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 36 page ![]() 2002 Microchip Technology Inc. DS21737A-page 25 TC664/TC665 MOSFETs are very low, the TC664/TC665 devices can charge and discharge them very quickly leading to very fast edges. Of key concern is the turn-off edge of the MOSFET. Since the fan motor winding is essentially an inductor, when the MOSFET is turned off, the current that was flowing through the motor wants to continue to flow. If the fan does not have internal clamp diodes around the windings of the motor, there is no path for this current to flow through and the voltage at the drain of the MOSFET may rise until the drain to source rating of the MOSFET is exceeded. This will most likely cause the MOSFET to go into avalanche mode. Since there is very little energy in this occurrence, it will probably not fail the device, but it would be a long term reliability issue. The following is recommended: • Ask how the fan is designed. If the fan has clamp diodes internally, you will not experience this problem. If the fan does not have internal clamp diodes, it is a good idea to put one externally (Figure 7-8). You can also put a resistor between VOUT and the gate of the MOSFET, which will help slow down the turn-off and limit this condition. FIGURE 7-7: Output Drive Device Configurations. TABLE 7-2: FAN DRIVE DEVICE SELECTION TABLE (NOTE 2) Device Package Max Vbe sat / Vgs(V) Min hfe Vce/VDS Fan Current (mA) Suggested Rbase (ohms) MMBT2222A SOT-23 1.2 50 40 150 800 MPS2222A TO-92 1.2 50 40 150 800 MPS6602 TO-92 1.2 50 40 500 301 SI2302 SOT-23 2.5 NA 20 500 Note 1 MGSF1N02E SOT-23 2.5 NA 20 500 Note 1 SI4410 SO-8 4.5 NA 30 1000 Note 1 SI2308 SOT-23 4.5 NA 60 500 Note 1 Note 1: A series gate resistor may be used in order to control the MOSFET turn-on and turn-off times. 2: These drive devices are suggestions only. Fan currents listed are for individual fans. Q1 GND VDD RSENSE RBASE VOUT FAN a) Single Bipolar Transistor Q1 GND VDD RSENSE VOUT b) N-Channel MOSFET FAN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |