Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7116 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC7116 Datasheet HTML 8Page - Microchip Technology TC7116 Datasheet HTML 9Page - Microchip Technology TC7116 Datasheet HTML 10Page - Microchip Technology TC7116 Datasheet HTML 11Page - Microchip Technology TC7116 Datasheet HTML 12Page - Microchip Technology TC7116 Datasheet HTML 13Page - Microchip Technology TC7116 Datasheet HTML 14Page - Microchip Technology TC7116 Datasheet HTML 15Page - Microchip Technology TC7116 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC7116/A/TC7117/A
DS21457B-page 12
© 2002 Microchip Technology Inc.
4.0
COMPONENT VALUE
SELECTION
4.1
Auto-Zero Capacitor
The size of the auto-zero capacitor has some influence
on system noise. For 200mV full scale, where noise is
very important, a 0.47
µF capacitor is recommended.
On the 2V scale, a 0.047
µF capacitor increases the
speed of recovery from overload and is adequate for
noise on this scale.
4.2
Reference Capacitor
A0.1
µF capacitor is acceptable in most applications.
However, where a large Common mode voltage exists
(i.e., the VIN- pin is not at analog common), and a
200mV scale is used, a larger value is required to pre-
vent rollover error. Generally, 1
µF will hold the rollover
error to 0.5 count in this instance.
4.3
Integrating Capacitor
The integrating capacitor should be selected to give the
maximum voltage swing that ensures tolerance buildup
will not saturate the integrator swing (approximately
0.3V from either supply). In the TC7116/TC7116A or
the TC7117/TC7117A, when the analog common is
used as a reference, a nominal ±2V full scale integrator
swing is acceptable. For the TC7117/TC7117A, with
±5V supplies and analog common tied to supply
ground, a ±3.5V to ±4V swing is nominal. For 3 read-
ings per second (48kHz clock), nominal values for CINT
are 0.22
µ1F and 0.10µF, respectively. If different oscil-
lator frequencies are used, these values should be
changed in inverse proportion to maintain the output
swing. The integrating capacitor must have low dielec-
tric absorption to prevent rollover errors. Polypropylene
capacitors are recommended for this application.
4.4
Integrating Resistor
Both the buffer amplifier and the integrator have a class
A output stage with 100
µA of quiescent current. They
can supply 20
µA of drive current with negligible non-
linearity. The integrating resistor should be large
enough to remain in this very linear region over the
input voltage range, but small enough that undue leak-
age requirements are not placed on the PC board. For
2V full scale, 470k
Ω is near optimum and, similarly,
47k
Ω for 200mV full scale.
4.5
Oscillator Components
For all frequency ranges, a 100k
Ω resistor is recom-
mended; the capacitor is selected from the equation:
EQUATION 4-1:
For a 48kHz clock (3 readings per second), C = 100pF.
4.6
Reference Voltage
To generate full scale output (2000 counts), the analog
input requirement is VIN =2VREF. Thus, for the 200mV
and 2V scale, VREF should equal 100mV and 1V,
respectively. In many applications, where the ADC is
connected to a transducer, a scale factor exists
between the input voltage and the digital reading. For
instance, in a measuring system, the designer might like
to haveafull scale readingwhenthe voltagefrom the
transducer is 700mV. Instead of dividing the input down
to 200mV, the designer should use the input voltage
directly and select VREF = 350mV. Suitable values for
integrating resistor and capacitor would be 120kW and
0.22
µF. This makes the system slightly quieter and also
avoids a divider network on the input. The TC7117/
TC7117A, with ±5V supplies, can accept input signals
up to ±4V. Another advantage of this system is when a
digital reading of zero is desired for VIN ≠ 0. Tempera-
ture and weighing systems with a variable tare are
examples. This offset reading can be conveniently gen-
erated by connecting the voltage transducer between
VIN+ and analog common, and the variable (or fixed)
offset voltage between analog common and VIN-.
5.0
TC7117/TC7117A POWER
SUPPLIES
The TC7117/TC7117A are designed to operate from
±5V supplies. However, if a negative supply is not avail-
able, it can be generated with a TC7660 DC-to-DC con-
verter and two capacitors. Figure 5-1 shows this
application.
In selected applications, a negative supply is not
required. The conditions for using a single +5V supply
are:
1.
The input signal can be referenced to the center
of the Common mode range of the converter.
2.
The signal is less than ±1.5V.
3.
An external reference is used.
FIGURE 5-1:
NEGATIVE POWER
SUPPLY GENERATION
WITH TC7660
f
0.45
RC
-----------
=
VREF+
V+
TC7117
TC7117A
36
10
µF
VIN+
VIN-
COM
GND
32
31
30
21
10
µF
VIN
V-
(-5V)
5
3
8
2
4
+5V
35
TC7660
26
+
+
+
–
LED
Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com