Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2647MTC/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647MTC/NOPB
Description  LM2647 Dual Synchronous Buck Regulator Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2647MTC/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2647MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Ipeak = Io x (1+
r
2
)
r =
x (1-0.18) x 10
6 = 0.45
5
3 x 10 x 300000
r =
x (1-D) x 10
6
Vo
Io x L x f
Ipeak = Io x (1+
r
2
)
`
VILIM = -v + 'V (= 0 at CLIM)
v = Rds x Ilowside
'V = RLIM x IILIM
IILIM= 46 PA
VLIM
RLIM
'V
GND
SW
CURRENT
VOLTAGE
-v
-v
`v
TO
DETECTOR
Ilowside
LM2647
www.ti.com
SNVS210F – JUNE 2003 – REVISED APRIL 2013
Figure 19. Understanding Current Sensing
The detector sets the overcurrent latch as soon the voltage on the ILIM pin crosses below zero. Therefore the
basic design equation for calculating RLIM is:
ΔV = v
(1)
(see Figure 19)
At the point where current limiting occurs (peak inductor current becomes equal to current limit) the resistor for
setting the current limit can be calculated.
But what (peak) current limit value should actually be set? This depends on two factors:
a) There is a natural steady state peak current in the inductor with the converter delivering maximum rated load.
This should be calculated at VINMAX (the maximum of the input voltage range):
b) Over and above this steady state value we need to provide an ‘overload margin’. This margin will depend on
the step loads likely to be seen in the application and the response expected.
The equation for calculating the steady state peak current is:
(2)
where ‘r’ is the current ripple ratio (refer to Application Note AN-1197 for a detailed understanding of how ‘r’
affects all the power components). ‘r’ is given by:
(3)
where L is in µH, f is in Hz.
Example: Let VIN range from 5.5V to 28V, Vo=5V, Io=3A, L=10µH, f=300kHz. What is the peak current under
normal operation?
Only the highest input voltage must be used for any peak current calculation. At VINMAX the duty cycle is
D=Vo/Vin=5/28=18%. So
(4)
NOTE
In general, as discussed in AN-1197, the optimum value of ‘r’ is between 0.3 to 0.5. Large
inductances (higher than ‘optimum’) may be selected if the output voltage ripple needs to
be decreased but it is not desirable to achieve this by adding more (expensive?) output
specialty caps.
The peak current under normal operation is
(5)
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com