Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Datasheet(HTML) 3 Page - Microchip Technology

  TC74 Datasheet HTML 1Page - Microchip Technology TC74 Datasheet HTML 2Page - Microchip Technology TC74 Datasheet HTML 3Page - Microchip Technology TC74 Datasheet HTML 4Page - Microchip Technology TC74 Datasheet HTML 5Page - Microchip Technology TC74 Datasheet HTML 6Page - Microchip Technology TC74 Datasheet HTML 7Page - Microchip Technology TC74 Datasheet HTML 8Page - Microchip Technology TC74 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21462B-page 3
TC74
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VDD) ............................................ +6V
Voltage On Any Pin ....... (GND – 0.3V) to (VDD +0.3V)
Current On Any Pin .......................................... ±50 mA
Operating Temperature (TA)........................ See Below
Storage Temperature (TSTG) .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC74 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD =3.3V or 5.0V (Note 5),-40°C ≤ TA ≤ 125°C, unless otherwise noted.
Symbol
Parameter
Min
Typ.
Max
Unit
Test Conditions
Power Supply
VPOR
Power-on Reset Threshold
1.2
2.2
V
VDD Falling Edge or Rising Edge
IDD
Operating Current
200
350
µAVDD =5.5V
Serial Port Inactive (Note 1)
IDD-STANDBY
Standby Supply Current
5
10
µAV
DD =3.3V
Serial Port Inactive (Note 1)
Temperature to Bits Converter
TERR
Temperature Accuracy TC74A
-2
-3
—+2
+2
°C
+25°C <TA <+85°C
0°C < TA < +125°C
-40°C < TA <0°C
CR
Conversion Rate
4
8
Sps
(Note 2)
Serial Port Interface
VIH
Logic Input High
0.8 x VDD
——
V
VIL
Logic Input Low
0.2 x VDD
V
VOL
SDA Output Low
0.4
0.6
V
V
IOL =3mA
IOL =6mA (Note 3)
CIN
Input Capacitance SDA, SCL
5
pF
ILEAK
I/O Leakage
-1
0.1
1
µA
Note
1:
Operating current is an average value integrated over multiple conversion cycles. Transient current may exceed this specification.
2:
Maximum ensured conversion time after Power-on Reset (POR to DATA_RDY) is 250 msec.
3:
Output current should be minimized for best temperature accuracy. Power dissipation within the TC74 will cause self-heating and
temperature drift error.
4:
SDA and SCLK must be connected to VDD or GND.
5:
VDD = 3.3V for TC74X -3.3VCT. VDD = 5.0V for TC74X -5.0VCT. All part types of the TC74 will operate properly over the wider power
supply range of 2.7V to 5.5V. Each part type is tested and specified for rated accuracy at its nominal supply voltage. As VDD varies from
the nominal value, accuracy will degrade 1°C/V of VDD change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com