Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL3401HN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL3401HN
Description  Low voltage dimmable controller for LED lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL3401HN Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL3401HN Datasheet HTML 1Page - NXP Semiconductors SSL3401HN Datasheet HTML 2Page - NXP Semiconductors SSL3401HN Datasheet HTML 3Page - NXP Semiconductors SSL3401HN Datasheet HTML 4Page - NXP Semiconductors SSL3401HN Datasheet HTML 5Page - NXP Semiconductors SSL3401HN Datasheet HTML 6Page - NXP Semiconductors SSL3401HN Datasheet HTML 7Page - NXP Semiconductors SSL3401HN Datasheet HTML 8Page - NXP Semiconductors SSL3401HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The SSL3401HN is a Switched Mode Power Supply (SMPS) controller IC. It operates in
combination with a phase cut dimmer and a 12 V (AC or DC) low voltage electronic or
magnetic transformer. It is designed to drive LED devices and include a dimmer
conduction phase detector.
The chip includes a hysteretic controller for the power converter. It is most suitable for use
with a linear LED current source. Two embedded Proportional-Integral (PI) controllers and
a 0.052 % resolution PWM generator, adjusted by the dimmer conduction phase, ensure
excellent LED current stability for a dimming range from 100 % to less than 5 %. It also
minimizes the power loss across the LED current source.
Several protection mechanisms are available:
• OverVoltage Protection (OVP)
• Coil Current Limitation (CCL)
• Short LED protection (SLED)
• Open LED protection (OLED)
• UnderVoltage LockOut (UVLO)
• Advanced adaptive OverTemperature Protection (OTP)
2.
Features and benefits
Easy migration to existing lighting control infrastructure
Support most available dimming and low-voltage transformation solutions
Excellent stability of LED current
Double PI controllers to enhance the line regulation of the LED current
Optimized dimming curve for low-voltage transformer compatibility
Automatic supply frequency detection for seamless operation with 50 Hz, 60 Hz or DC
sources
Dimmer conduction angle detection
Coil current limitation
Temperature roll-back protection
OverVoltage Protection
Power-On-Reset (POR)
Shorted LED protection
Open LED detection
SSL3401HN
Low voltage dimmable controller for LED lighting
Rev. 2 — 28 January 2014
Product data sheet


Similar Part No. - SSL3401HN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
49Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL34 TSC-SSL34 Datasheet
129Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL34 MIC-SSL34 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
383Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL34 TSC-SSL34 Datasheet
204Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SSL3401HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
AC-DC Controller for Dimmable LED Lighting
logo
Texas Instruments
TPS92561 TI-TPS92561 Datasheet
1Mb / 24P
Phase Dimmable, Single Stage Boost Controller for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
Texas Instruments
TPS92561 TI1-TPS92561 Datasheet
1Mb / 31P
Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
AC/DC Controller IC for non-dimmable LED lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
Dimmable LED Driver IC for Low-voltage Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
AC/DC PSR Controller for Dimmable LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com