Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3495MTC/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3495MTC/NOPB
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3495MTC/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3495MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VOUT1
TRACK
RT2
RT1
RFB2
RFB1
FB
VOUT2
VSS
VFB
LM3495
Master
Power
Supply
SNS
LM3495
www.ti.com
SNVS410F – FEBRUARY 2006 – REVISED APRIL 2013
APPLICATIONS INFORMATION
THEORY OF OPERATION
The LM3495 is an advanced, current mode PWM synchronous controller. Unlike traditional peak current mode
controllers which sense the current while the high-side FET is on, the LM3495 senses current while the low-side
FET is on. The LM3495 then emulates the peak current waveform and uses that information to regulate the
output voltage. High-side ON pulses as low as 50 ns are possible to achieve low duty cycle operation. The
LM3495 therefore enjoys both excellent line transient response and the ability to regulate low output voltages
from high input voltages.
START UP
The LM3495 will begin to operate when the COMP/SD pin is open-circuited and the voltage at the VIN pin has
exceeded 2.6V. Once these two conditions have been met an internal soft start begins and lasts for 400
switching cycles. When soft start is complete the converter enters steady state operation. Current limit is enabled
during soft start to protect against a short circuit at the output.
START UP INTO OUTPUT PRE-BIAS
If the output capacitor of the LM3495 regulator has been charged up to some pre-bias level before the converter
is enabled, the soft start will ramp the output voltage from the pre-bias level up to the target output voltage
without ever discharging the output capacitor. Note that the pre-bias voltage must not be greater than the target
output voltage of the LM3495, otherwise the LM3495 will pull the pre-bias supply down during steady state
operation. A zero-cross comparator prevents the current in the inductor from reversing during soft start and
prevents discharge of the output capacitor through the low-side FET. In FPWM mode, once soft-start is complete
the zero-cross threshold decreases over 16 cycles and then is disabled, allowing the converter to sink current at
the output if needed.
The LM3495 contains an internal N-FET with an on-resistance of approximately 500
Ω connected between the
SNS and PGND pins. When the converter is disabled, this FET is turned on to discharge the output capacitor in
a controlled fashion. If the LM3495 is used in a system with a pre-bias at the output the power supply providing
the pre-bias must be able to supply enough current for the 500
Ω load that the internal FET creates.
TRACKING
The LM3495 can track the output of a master power supply during soft start by connecting a resistor divider to
the TRACK pin (Figure 30). In this way, the output voltage slew rate of the LM3495 will be controlled by the
master supply for loads that require precise sequencing. Because the output of the master supply is divided
down, the output voltage of the LM3495 must be lower than the voltage of the master supply in order to track
properly. When the tracking function is not being used, the TRACK pin should be connected directly to the VLIN5
pin.
Figure 30. Tracking Circuit
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com