Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7116CLW Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7116CLW
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116CLW Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7116CLW Datasheet HTML 6Page - Microchip Technology TC7116CLW Datasheet HTML 7Page - Microchip Technology TC7116CLW Datasheet HTML 8Page - Microchip Technology TC7116CLW Datasheet HTML 9Page - Microchip Technology TC7116CLW Datasheet HTML 10Page - Microchip Technology TC7116CLW Datasheet HTML 11Page - Microchip Technology TC7116CLW Datasheet HTML 12Page - Microchip Technology TC7116CLW Datasheet HTML 13Page - Microchip Technology TC7116CLW Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC7116/A/TC7117/A
DS21457B-page 10
© 2002 Microchip Technology Inc.
FIGURE 3-5:
TC7116/TC7116A DIGITAL SECTION
3.2.1
SYSTEM TIMING
Theclockingmethodusedfor theTC7116/TC7116A
and TC7117/TC7117A is shown in Figure 3-6. Three
clocking methods may be used:
1.
An external oscillator connected to Pin 40.
2.
A crystal between Pins 39 and 40.
3.
An RC network using all three pins.
The oscillator frequency is
÷4 before it clocks the
decade counters. It is then further divided to form the
three convert cycle phases: Signal Integrate (1000
counts), Reference De-integrate (0 to 2000 counts),
and Auto-Zero (1000 to 3000 counts). For signals less
than full scale, auto-zero gets the unused portion of ref-
erence de-integrate. This makes a complete measure
cycle of 4000 (16,000 clock pulses), independent of
input voltage. For 3 readings per second, an oscillator
frequency of 48kHz would be used.
To achieve maximum rejection of 60Hz pickup, the sig-
nal integrate cycle should be a multiple of 60Hz. Oscil-
lator frequencies of 240kHz, 120kHz, 80kHz, 60kHz,
48kHz, 40kHz, etc. should be selected. For 50Hz rejec-
tion,
oscillator
frequencies
of
200kHz,
100kHz,
66-2/3kHz, 50kHz, 40kHz, etc. would be suitable. Note
that 40kHz (2.5 readings per second) will reject both
50Hz and 60Hz.
3.2.2
HOLD READING INPUT
When HLDR is at a logic HIGH, the latch will not be
updated. Analog-to-digital conversions will continue,
but will not be updated until HLDR is returned to LOW.
To continuously update the display, connect to TEST
(TC7116/TC7116A) or GROUND (TC7117/TC7117A),
or disconnect. This input is CMOS compatible with
70k
Ω typical resistance to TEST (TC7116/TC7116A) or
GROUND (TC7117/TC7117A).
TC7116
TC7116A
LCD Phase Driver
Thousands
Hundreds
Tens
Units
4
Backplane
21
39
37
OSC2
Internal Digital Ground
V+
V-
TEST
6.2V
500
Ω
26
35
To Switch Drivers
From Comparator Output
Clock
VTH = 1V
7-Segment
Decode
7-Segment
Decode
7-Segment
Decode
200
40
38
Typical Segment Output
Internal Digital Ground
Segment
Output
V+
0.5mA
2mA
Latch
OSC3
OSC1
÷
÷
HLDR
~70k
Ω
Logic Control
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com