Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC818A Datasheet(PDF) 15 Page - Microchip Technology

Part # TC818A
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818A Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC818A Datasheet HTML 11Page - Microchip Technology TC818A Datasheet HTML 12Page - Microchip Technology TC818A Datasheet HTML 13Page - Microchip Technology TC818A Datasheet HTML 14Page - Microchip Technology TC818A Datasheet HTML 15Page - Microchip Technology TC818A Datasheet HTML 16Page - Microchip Technology TC818A Datasheet HTML 17Page - Microchip Technology TC818A Datasheet HTML 18Page - Microchip Technology TC818A Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21475B-page 15
TC818A
3.13
Low Battery Detection Circuit
The TC818A contains a low battery detector. When the
9V battery supply has been depleted to a 7V nominal
value, the LCD low battery annunciator is activated.
The low battery detector is shown in Figure 3-10. The
low battery annunciator remains OFF with the battery
supply greater than 0.7V. The annunciator is ON before
the supply battery has reached 6.3V.
FIGURE 3-10:
LOW BATTERY
DETECTOR
3.14
Triplex Liquid Crystal Display
(LCD) Drive
The TC818A directly drives a triplexed liquid crystal
display (LCD) using 1/3 bias drive. All numeric data,
decimal point, polarity and function annunciator drive
signals are developed by the TC818A.
The LCDs must be driven with an AC signal having
zero DC component, for long display life. The liquid
crystal polarization is a function of the RMS voltage
appearing across the backplane and segment driver.
The peak drive signal applied to the LCD is:
VCC -VDISP
For example, if VDISP is set at a potential 3V below
VCC, the peak drive signal is:
VP =VCC -VDISP =3V
An “OFF” LCD segment has an RMS voltage of VP/3
across it, or 1 volt. An “ON” segment has a 0.63VP
signal across it or 1.92V for VCC -VDISP =3V.
Since the VDISP pin is available, the user may adjust
the “ON” and “OFF” LCD levels for various manufactur-
ers’ displays, by changing VP signal across it, or 1.92V
for VDISP =3V.
“OFF” segments may become visible at high LCD oper-
ating temperatures. A voltage with a -5 to -20mV/°C
temperature coefficient can be applied to VDISP to
accommodate the liquid crystal temperature operating
characteristics, if necessary.
The TC818A internally generates two intermediate
LCD drive potentials (VH and VL) from a resistive
divider (Figure 3-11) between VCC and VDISP. The latter
impedance is approximately 150k
Ω. This drive method
is commonly known as 1/3 bias. With VDISP connected
to digital ground, VP ≈ 5.0V.
The intermediate levels are needed so that drive sig-
nals giving RMS “ON” and “OFF” levels can be gener-
ated. Figure 3-12 shows a typical drive signal and the
resulting waveforms for “ON” and “OFF” RMS voltage
levels across a selected LCD element.
FIGURE 3-11:
1/3 BIAS LCD DRIVE
3.15
Liquid Crystal Displays (LCDs)
Most users will design their own custom LCD. How-
ever, for prototyping purposes, a standard display is
available from Varitronix, Ltd. This prototype display
configuration is shown in Figure 3-13 and Table 3-4.
Varitronix Ltd.
9/F Liven House, 61-63, King Yip Street
Kwun Tong, Hong Kong
Tel: (852)3-410286
Fax: (852)34-39555
Part No.: VIM-328-DP
USA Office:
VL Electronics, Inc.
3171 LOs Feliz Blvd, #303
Los Angeles, CA 90039
Tel: (213) 738-8700
TC818A
+
–
To LCD
Annunciator
Selection Logic
Low Battery Annunciator Displayed for VS < 7V.
VCC
R1
R2
Low Battery Detector
VT
R3
VZ ≈ 6.2V
VSS
Comparator
VT = 73
= 6.2V
R2
R1 + R2
VCC
50k
50k
50k
To
Triplex
Segment
Drive Logic
See VDSIP
For Proper VP
with Resistive
Divider
VDISP
VH
VL
VP = VCC - VDISP
"OFF" = VP/3 RMS
"ON" =
VP RMS
TC818A
11
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com