Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35502AFP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35502AFP
Description  FLD CONTROLLER?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35502AFP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35502AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
MITSUBISHI LINEAR IC’s
M35502AFP
FLD CONTROLLER
PACKAGE OUTLINE
SSOP36-P-450-0.80
Weight(g)
—
JEDEC Code
0.53
EIAJ Package Code
Lead Material
Alloy 42
36P2R-G
Plastic 36pin 450mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
—
—
.25
0
0
.10
0
.8
14
.2
8
—
10.1
.3
0
—
—
—
.27
1
0.1
—
.0
2
.3
0
.15
0
.0
15
.4
8
.8
0
.4
10
.5
0
.0
1
—
.43
11
—
0.2
.3
2
—
.4
0
.22
0
.2
15
.6
8
—
.7
10
.7
0
—
.15
0
—
b2
—.5
0—
—
0¡
—
10¡
e
e1
36
19
18
1
D
e
y
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F
z
Z1
Detail G
—
—
Z1
0.7
—
—
0.85
z
b
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com