Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC901 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC901
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC901 Datasheet(HTML) 1 Page - Microchip Technology

  TC901 Datasheet HTML 1Page - Microchip Technology TC901 Datasheet HTML 2Page - Microchip Technology TC901 Datasheet HTML 3Page - Microchip Technology TC901 Datasheet HTML 4Page - Microchip Technology TC901 Datasheet HTML 5Page - Microchip Technology TC901 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC901
TC901- 7 9/5/96
© 2001 Microchip Technology Inc.
DS21480A
GENERAL DESCRIPTION
The TC901 is a monolithic, auto-zeroed operational
amplifier. It is a second-generation design of the TC91X
CMOS chopper-stabilized op-amps with on-chip capacitors.
Elimination of the external capacitors allows the de-
signer to increase reliability, lower cost, and simplify design
by lowering parts count.
Since the TC901 is an auto-zeroing op amp, input offset
voltage is very low. More important, there is almost zero drift
with time. This eliminates production line adjustments, as
well as periodic calibration.
Notable electrical characteristics are low supply cur-
rent (450
µA, typical), single-supply operation (5V to 32V),
low input offset voltage (7
µV, typical), low noise (<5µVP-P,
typical, for a 10Hz bandwidth), and fast recovery from
saturation without the use of external clamp circuitry.
This device is supplied in 8-pin plastic DIP and plastic
SOIC packages. It is pin compatible with bipolar, CMOS,
JFET and other chopper-stabilized op-amps using the in-
dustry-standard 741 pinout.
FEATURES
s Second-Generation Monolithic,
Chopper-Stabilized Op Amp
s No External Capacitors Required
s Single-Supply Operation ...........
±15V or 5V to 32V
s Supply Current............................ 450
µA at 15V, Typ
s Input Offset Voltage ................................... 7
µV, Typ
s Common-Mode Rejection Ratio ............ 140dB, Typ
s Open-Loop Gain ............ 140dB Into 10k Load, Typ
s Input Noise ......................... 5
µV at 10Hz Bandwidth
s Pinout Compatible With ICL7650
s Lowest Parts Count Chopper Op Amp
PIN CONFIGURATION (DIP and SOIC)
1
2
3
4
8
7
6
5
OUTPUT
NC
+INPUT
TC901CPA
–INPUT
NC
NC
VDD
VDD
VSS
VSS
NC = NO INTERNAL CONNECTION
1
2
3
4
8
7
6
5
OUTPUT
NC
+INPUT
TC901COA
–INPUT
NC
NC
+
+
FUNCTIONAL BLOCK DIAGRAM
+
+
VDD
VSS
TC901
–INPUT
+INPUT
A
2
3
47
B
*
*
A
B
6
NOTE: Internal capacitors. No external capacitors required.
MAIN
AMPLIFIER
LOW IMPEDANCE
OUTPUT BUFFER
INTERNAL
OSCILLATOR
(f
200 Hz)
OSC ≈
V
CORRECTION AMPLIFIER
OS
+
OUTPUT
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC901COA
8-Pin SOIC
0
°C to +70°C
TC901CPA
8-Pin Plastic DIP
0
°C to +70°C
Dual Auto-Zeroed Operational Amplifiers


Similar Part No. - TC901

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC90101FG TOSHIBA-TC90101FG Datasheet
393Kb / 36P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
Multi System Video Decoder IC
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
Dual channel Video Decoder
More results

Similar Description - TC901

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2002
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com