Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3471AB Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM3471AB
Description  Input frequency - 300kHz - max
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3471AB Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM3471AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SM3471AB
SEIKO NPC CORPORATION - 2
PINOUT
QFN24 package
(Top view)
PIN DESCRIPTION
Pin No.
Name
I/O
*1
Description
1
VSS
-
Ground
2
NC
-
No connection
3
VDD
-
Power supply
4
DA
O
Displacement detector signal output (A)
5
DB
O
Displacement detector signal output (B)
6
DZ
O
Zero point detector signal output (Z)
7
NC
-
No connection
8
NC
-
No connection
9
NC
-
No connection
10
VSS
-
Ground
11
VSS
-
Ground
12
NC
-
No connection
13
ZSEL
I
Z-phase output timing setting input with pull-down resistor
14
SEL0
I
Interpolation setting input with pull-down resistor
15
SEL1
I
Interpolation setting input with pull-down resistor
16
NC
-
No connection
17
NC
-
No connection
18
VREF
O
VDD/2 level voltage output
19
ZN
I
Zero point detector inverse-phase signal input
20
Z
I
Zero point detector signal input
21
AN
I
Displacement detector signal (–cos) input
22
A
I
Displacement detector signal (cos) input
23
BN
I
Displacement detector signal (–sin) input
24
B
I
Displacement detector signal (sin) input
25
TP
-
Thermal pad. Connect to VSS or leave OPEN.
*1. I: Input pin
O: Output pin
I/O: Input/Output pin
VSS terminals number 1, 10 and 11 must be connected to the ground on the mounting board.
13
14
15
16
17
18
12
11
10
9
8
7
6
5
4
3
2
1
19
20
21
22
23
24
VSS
VDD
DA
DB
DZ
NC
VREF
NC
NC
SEL1
SEL0
ZSEL
25
25TP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com