Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N60ZG-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N60ZG-AA3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60ZG-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N60ZG-AA3-R Datasheet HTML 1Page - Unisonic Technologies 1N60ZG-AA3-R Datasheet HTML 2Page - Unisonic Technologies 1N60ZG-AA3-R Datasheet HTML 3Page - Unisonic Technologies 1N60ZG-AA3-R Datasheet HTML 4Page - Unisonic Technologies 1N60ZG-AA3-R Datasheet HTML 5Page - Unisonic Technologies 1N60ZG-AA3-R Datasheet HTML 6Page - Unisonic Technologies 1N60ZG-AA3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N60Z
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-724.D
1.2A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N60Z is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used at high
speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) <11.5Ω@ VGS=10V, ID=0.6A
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
2.Drain
3.Source
1.Gate
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
1N60ZG-AA3-R
SOT-223
G
D
S
Tape Reel
1N60ZL-T92-B
1N60ZG-T92-B
TO-92
G
D
S
Tape Box
1N60ZL-T92-K
1N60ZG-T92-K
TO-92
G
D
S
Bulk
1N60ZL-TN3-R
1N60ZG-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 1N60ZG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60ZG-T92-B UTC-1N60ZG-T92-B Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60ZG-T92-K UTC-1N60ZG-T92-K Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60ZG-T92-R UTC-1N60ZG-T92-R Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60ZG-TN3-R UTC-1N60ZG-TN3-R Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60ZG-TN3-T UTC-1N60ZG-TN3-T Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 1N60ZG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com