Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS05H Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCS05H
Description  Value applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCS05H Datasheet(HTML) 1 Page - JL World Company Limited.

  HCS05H Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Characteristics Response
Measuring3Temperature3y3BV°C
Measuring3Distance3y3Vcm
HCS05H
Series
Electro-Magnetic Sound Generators
Dimensions
Unit3y3mm
Tolerance3y3±P87mm
Specification3Sall3data3taken3at3BV°C3unless3otherwise3specifiedO
Model
HCSPVP7H
Operating
Temperature
S°CO
+RP3~34FV
-Sound3Pressure3
Level3at3Vcm
SdBO
≥F1
Rated3
Voltage3
SVO
7
Operating3
Voltage3
SVO
B8V3~3R8V
-Rated
Current3
SmAO
≤vBP
Rated
Frequency3
SHzO
7vPP
Storage
Temperature
S°CO
+RP3~34FV
Weight
SgO
P8A
-Value3Applying3Rated3Voltage~3Rated3Frequency~3VPf3Duty3Square3Wave
Coil3
Resistance
SΩO
vP3±3v8V
60
300
500
80
70
dB
1K
2K
3K
5K
10K
200
90
leadS+O
Sound3Port
V8V±P8B
V87±P8B
leadS4O
P87
P81
B8V±P8B
P8vV
v8P±P8B


Similar Part No. - HCS05H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS05HMSR INTERSIL-HCS05HMSR Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCS05HMSR INTERSIL-HCS05HMSR Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS05HMSR RENESAS-HCS05HMSR Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCS05HMSR RENESAS-HCS05HMSR Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
More results

Similar Description - HCS05H

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com