Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1001IST6X Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC1001IST6X
Description  Flammability rating of UL 94?륷0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1001IST6X Datasheet(HTML) 1 Page - Exar Corporation

  CLC1001IST6X Datasheet HTML 1Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material Declaration
Statement of Materials, Construction
Part Number:   CLC1001IST6X
Package:      6 TSOT
Name
Weight (mg)
CAS No.
Weight (mg)
/Total Unit
/ Component
1
Die
2.3600
7440‐21‐3
2.3600
18.15
100.00
2Die Attach
0.0104
7440‐22‐4
0.0074
0.06
71.00
9003‐36‐5
0.0005
0.00
5.00
‐
0.0006
0.00
6.00
‐
0.0006
0.00
6.00
‐
0.0006
0.00
6.00
‐
0.0005
0.00
5.00
461‐58‐5
0.0000
0.00
0.30
‐
0.0001
0.00
0.70
3
Leadframe
4.1600
7440‐50‐8
4.0309
31.01
96.90
7439‐89‐6
0.0874
0.67
2.10
7723‐14‐0
0.0042
0.03
0.10
7440‐66‐6
0.0042
0.03
0.10
7440‐22‐4
0.0333
0.26
0.80
7440‐22‐4
0.0001
0.00
0.00
4Mold Compound
6.0666
‐
0.5460
4.20
9.00
‐
0.2427
1.87
4.00
60676‐86‐0
4.7623
36.63
78.50
7631‐86‐9
0.4853
3.73
8.00
1333‐86‐4
0.0303
0.23
0.50
5
Plating
0.3900
7440‐31‐5
0.3900
3.00
99.99
‐
0.0000
0.00
0.01
6Wire 
0.0130
7440‐57‐5
0.0130
0.10
100.00
Total Unit Weight:
13.00
RoHS Certificate of Compliance
⊠
⊠ China RoHS | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
⊠ RoHS‐6 | Fully Compliant
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
⊠ Non Use of PFOS & PFOA
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
⊠ REACH | Fully Compliant
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
⊠ Halogen‐free | Green
⊠
⊠ Flammability rating of UL 94‐V0 
⊠ MSL: L1
Chiew Mee Foo, QA Manager
Dicyandiamide
Organic peroxide
Fe
P
Phenol Resin
Ag
Dodd‐Frank Wall Street Reform and Consumer Protection Act, July 21, 2010 
We comply with this conflict metal free policy that restricts the use of those conflict metals, mining from the Democratic Republic of Congo (DRC) and it’s 
adjoining countries.  Exar will not accept product which uses these conflict metals from these areas.  We require our suppliers to enforce this policy and be 
able to identify and verify from their sources of minerals are conflict free.  Suppliers are required to report if they or any supplier through their supply chain 
use any of these conflict metals that are derived from certain conflict minerals originating in the DRC or an adjoining country.  Exar Corporation is not aware 
of any conflict metals to be used in any of their products.
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
Cu
Epoxy Resin
Zn
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Carbon Black
Allowable Limit           
(at homogenous material level)
EU RoHS Restricted Substance
Silica (Amorphous)B
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Silica (Amorphous)A
Others
Others
Au
Sn
Phenolic Hardener
Material Weight %
Component
Silicon
Silver
Element/Compound
Material
Epoxy resin A
Epoxy resin B
Epoxy resin C
Acrylate
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No: MDS‐00000349 Rev 000


Similar Part No. - CLC1001IST6X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1001IST6X CADEKA-CLC1001IST6X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001IST6X EXAR-CLC1001IST6X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
More results

Similar Description - CLC1001IST6X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232EETL EXAR-SP3232EETL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3243EUEYL EXAR-SP3243EUEYL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XR16C850CMF EXAR-XR16C850CMF Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XR71211EHF EXAR-XR71211EHF Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP2526A2ENL EXAR-SP2526A2ENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3072EMNL EXAR-SP3072EMNL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XRT83VSH316IBF EXAR-XRT83VSH316IBF Datasheet
169Kb / 2P
Flammability rating of UL 94?륷0
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
Flammability rating of UL 94?륷0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com