Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1613 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1613
Description  10 MHz to 4 GHz SMA Bias Tee Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1613 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1613 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1613 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1613 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10 MHz to 4 GHz SMA Bias Tee Rated To 2500 mA And 100 Volts DC from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 MHz to 4 GHz SMA Bias Tee Rated To 2500 mA And 100 Volts DC PE1613
URL: http://www.pasternack.com/10-mhz-4-ghz-sma-bias-tee-2500-ma-100-volts-dc-pe1613-p.aspx
PE1613
PE1613 REV
10 MHz to 4 GHz SMA Bias Tee Rated
To 2500 mA And 100 Volts DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com