Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PQ Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC17C44-08/PQ
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PQ Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC17C44-08/PQ Datasheet HTML 39Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 40Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 41Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 42Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 43Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 44Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 45Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 46Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 43
PIC17C4X
7.0
TABLE READS AND TABLE
WRITES
The PIC17C4X has four instructions that allow the pro-
cessor to move data from the data memory space to
the program memory space, and vice versa. Since the
program memory space is 16-bits wide and the data
memory space is 8-bits wide, two operations are
required to move 16-bit values to/from the data mem-
ory.
The TLWT t,f and TABLWT t,i,f instructions are
used to write data from the data memory space to the
program memory space. The TLRD t,f and TABLRD
t,i,f
instructions are used to write data from the pro-
gram memory space to the data memory space.
The program memory can be internal or external. For
the program memory access to be external, the device
needs to be operating in extended microcontroller or
microprocessor mode.
Figure 7-1 through Figure 7-4 show the operation of
these four instructions.
FIGURE 7-1:
TLWT INSTRUCTION
OPERATION
TABLE POINTER
TABLE LATCH (16-bit)
PROGRAM MEMORY
DATA
MEMORY
TBLPTRH
TBLPTRL
TABLATH
TABLATL
f
TLWT
1,f
TLWT
0,f
1
Note 1: 8-bit value, from register 'f', loaded into the
high or low byte in TABLAT (16-bit).
FIGURE 7-2:
TABLWT INSTRUCTION
OPERATION
TABLE POINTER
TABLE LATCH (16-bit)
PROGRAM MEMORY
DATA
MEMORY
TBLPTRH
TBLPTRL
TABLATH
TABLATL
f
TABLWT
1,i,f
TABLWT
0,i,f
1
Prog-Mem
(TBLPTR)
2
Note 1: 8-bit value, from register 'f', loaded into
the
high or low byte in TABLAT (16-bit).
2: 16-bit TABLAT value written to address
Program Memory (TBLPTR).
3: If “i” = 1, then TBLPTR = TBLPTR + 1,
If “i” = 0, then TBLPTR is unchanged.
3
3
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com