Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PQ Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC17C44-08/PQ
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PQ Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC17C44-08/PQ Datasheet HTML 107Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 108Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 109Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 110Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 111Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 112Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 113Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 114Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 111
PIC17C4X
TABLWT
t,i,f
Table Write
2
1010 11ti
ffff
ffff
None
5
TLRD
t,f
Table Latch Read
1
1010 00tx
ffff
ffff
None
TLWT
t,f
Table Latch Write
1
1010 01tx
ffff
ffff
None
TSTFSZ
f
Test f, skip if 0
1 (2)
0011 0011
ffff
ffff
None
6,8
XORWF
f,d
Exclusive OR WREG with f
1
0000 110d
ffff
ffff
Z
BIT-ORIENTED FILE REGISTER OPERATIONS
BCF
f,b
Bit Clear f
1
1000 1bbb
ffff
ffff
None
BSF
f,b
Bit Set f
1
1000 0bbb
ffff
ffff
None
BTFSC
f,b
Bit test, skip if clear
1 (2)
1001 1bbb
ffff
ffff
None
6,8
BTFSS
f,b
Bit test, skip if set
1 (2)
1001 0bbb
ffff
ffff
None
6,8
BTG
f,b
Bit Toggle f
1
0011 1bbb
ffff
ffff
None
LITERAL AND CONTROL OPERATIONS
ADDLW
k
ADD literal to WREG
1
1011 0001
kkkk
kkkk
OV,C,DC,Z
ANDLW
k
AND literal with WREG
1
1011 0101
kkkk
kkkk
Z
CALL
k
Subroutine Call
2
111k kkkk
kkkk
kkkk
None
7
CLRWDT
—
Clear Watchdog Timer
1
0000 0000
0000
0100
TO,PD
GOTO
k
Unconditional Branch
2
110k kkkk
kkkk
kkkk
None
7
IORLW
k
Inclusive OR literal with WREG
1
1011 0011
kkkk
kkkk
Z
LCALL
k
Long Call
2
1011 0111
kkkk
kkkk
None
4,7
MOVLB
k
Move literal to low nibble in BSR
1
1011 1000
uuuu
kkkk
None
MOVLR
k
Move literal to high nibble in BSR
1
1011 101x
kkkk
uuuu
None
9
MOVLW
k
Move literal to WREG
1
1011 0000
kkkk
kkkk
None
MULLW
k
Multiply literal with WREG
1
1011 1100
kkkk
kkkk
None
9
RETFIE
—
Return from interrupt (and enable interrupts)
2
0000 0000
0000
0101
GLINTD
7
RETLW
k
Return literal to WREG
2
1011 0110
kkkk
kkkk
None
7
RETURN
—
Return from subroutine
2
0000 0000
0000
0010
None
7
SLEEP
—
Enter SLEEP Mode
1
0000 0000
0000
0011
TO, PD
SUBLW
k
Subtract WREG from literal
1
1011 0010
kkkk
kkkk
OV,C,DC,Z
XORLW
k
Exclusive OR literal with WREG
1
1011 0100
kkkk
kkkk
Z
TABLE 15-2:
PIC17CXX INSTRUCTION SET (Cont.’d)
Mnemonic,
Operands
Description
Cycles
16-bit Opcode
Status
Affected
Notes
MSb
LSb
Legend: Refer to Table 15-1 for opcode field descriptions.
Note 1: 2’s Complement method.
2: Unsigned arithmetic.
3: If s = '1', only the file is affected: If s = '0', both the WREG register and the file are affected; If only the Working
register (WREG) is required to be affected, then f = WREG must be specified.
4: During an LCALL, the contents of PCLATH are loaded into the MSB of the PC and kkkk kkkk is loaded into
the LSB of the PC (PCL)
5: Multiple cycle instruction for EPROM programming when table pointer selects internal EPROM. The instruc-
tion is terminated by an interrupt event. When writing to external program memory, it is a two-cycle instruc-
tion.
6: Two-cycle instruction when condition is true, else single cycle instruction.
7: Two-cycle instruction except for TABLRD to PCL (program counter low byte) in which case it takes 3 cycles.
8: A “skip” means that instruction fetched during execution of current instruction is not executed, instead an
NOP is executed.
9: These instructions are not available on the PIC17C42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com