Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44337 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44337
Description  1.85mm Female Connector Field Replaceable Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44337 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44337 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44337 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44337 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1.85mm Female Connector Field Replaceable Attachment 2 Hole Flange 0.009 inch Pin, .481 inch Hole
Spacing
Configuration
Connector
1.85mm Female
Connector Interface Type
0.009 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 65
Impedance, Ohms
50
Maximum VSWR
1.33:1
Maximum Insertion Loss, dB
0.403
Mechanical Specifications
Size
Length, in [mm]
0.45 [11.43]
Width/Dia., in [mm]
0.23 [5.84]
Height, in [mm]
0.63 [16]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
1.85mm Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Female Connector Field Replaceable Attachment 2 Hole Flange 0.009 inch Pin,
.481 inch Hole Spacing PE44337
PE44337
PE44337 REV
1.85mm Female Connector Field Replaceable Attachment
2 Hole Flange 0.009 inch Pin, .481 inch Hole Spacing


Similar Part No. - PE44337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE4433 PASTERNACK-PE4433 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE44330 PASTERNACK-PE44330 Datasheet
344Kb / 3P
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
PE44331 PASTERNACK-PE44331 Datasheet
213Kb / 2P
75 Ohm F Female Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
PE44332 PASTERNACK-PE44332 Datasheet
220Kb / 3P
75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch Hole Spacing
More results

Similar Description - PE44337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44231 PASTERNACK-PE44231 Datasheet
284Kb / 2P
2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44017 PASTERNACK-PE44017 Datasheet
239Kb / 2P
SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin
PE44024 PASTERNACK-PE44024 Datasheet
221Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44026 PASTERNACK-PE44026 Datasheet
228Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
SMA Female Connector Field Replaceable Attachment
PE44023 PASTERNACK-PE44023 Datasheet
262Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin
PE44025 PASTERNACK-PE44025 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.018 inch Pin
PE44338 PASTERNACK-PE44338 Datasheet
212Kb / 3P
1.85mm Male Threaded Connector Field Replaceable Attachment 0.009 inch Pin
PE44339 PASTERNACK-PE44339 Datasheet
210Kb / 3P
1.85mm Female Threaded Connector Field Replaceable Attachment 0.009 inch Pin
PE44219 PASTERNACK-PE44219 Datasheet
203Kb / 2P
2.4mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com