Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/L Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC17C44-08/L
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/L Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC17C44-08/L Datasheet HTML 2Page - Microchip Technology PIC17C44-08/L Datasheet HTML 3Page - Microchip Technology PIC17C44-08/L Datasheet HTML 4Page - Microchip Technology PIC17C44-08/L Datasheet HTML 5Page - Microchip Technology PIC17C44-08/L Datasheet HTML 6Page - Microchip Technology PIC17C44-08/L Datasheet HTML 7Page - Microchip Technology PIC17C44-08/L Datasheet HTML 8Page - Microchip Technology PIC17C44-08/L Datasheet HTML 9Page - Microchip Technology PIC17C44-08/L Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 240 page
background image
PIC17C4X
DS30412C-page 6
© 1996 Microchip Technology Inc.
TABLE 1-1:
PIC17CXX FAMILY OF DEVICES
Features
PIC17C42
PIC17CR42
PIC17C42A
PIC17C43
PIC17CR43
PIC17C44
Maximum Frequency of Operation
25 MHz
33 MHz
33 MHz
33 MHz
33 MHz
33 MHz
Operating Voltage Range
4.5 - 5.5V
2.5 - 6.0V
2.5 - 6.0V
2.5 - 6.0V
2.5 - 6.0V
2.5 - 6.0V
Program Memory x16
(EPROM)
2K
-
2K
4K
-
8K
(ROM)
-2K-
-4K-
Data Memory (bytes)
232
232
232
454
454
454
Hardware Multiplier (8 x 8)
-
Yes
Yes
Yes
Yes
Yes
Timer0 (16-bit + 8-bit postscaler)
Yes
Yes
Yes
Yes
Yes
Yes
Timer1 (8-bit)
Yes
Yes
Yes
Yes
Yes
Yes
Timer2 (8-bit)
Yes
Yes
Yes
Yes
Yes
Yes
Timer3 (16-bit)
Yes
Yes
Yes
Yes
Yes
Yes
Capture inputs (16-bit)
222222
PWM outputs (up to 10-bit)
222222
USART/SCI
Yes
Yes
Yes
Yes
Yes
Yes
Power-on Reset
Yes
Yes
Yes
Yes
Yes
Yes
Watchdog Timer
Yes
Yes
Yes
Yes
Yes
Yes
External Interrupts
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt Sources
11
11
11
11
11
11
Program Memory Code Protect
Yes
Yes
Yes
Yes
Yes
Yes
I/O Pins
33
33
33
33
33
33
I/O High Current Capabil-
ity
Source
25 mA
25 mA
25 mA
25 mA
25 mA
25 mA
Sink
25 mA(1)
25 mA(1)
25 mA(1)
25 mA(1)
25 mA(1)
25 mA(1)
Package Types
40-pin DIP
44-pin PLCC
44-pin MQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
Note 1:
Pins RA2 and RA3 can sink up to 60 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com