Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2CP1004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1004
Description  Dual Directional 50 dB SMA Coupler From 20 MHz to 1,000 MHz Rated To 200 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Coupled Connectors
SMA Female
Design
Dual Directional Coupler
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
20
1,000
MHz
Directivity
20
dB
Impedance
50
Ohms
Insertion Loss
0.35
dB
Input Power
200
Watts
Input VSWR
1.25:1
Coupling Value
50
dB
Coupling Tolerance
± 1.5
dB
Coupling Flatness
±0.6
dB
.
Mechanical Specifications
Temperature
Operating Range
+85 to -55 deg C
Size
Length
2.5 in [63.5 mm]
Width/Dia.
1.11 in [28.19 mm]
Height
1.5 in [38.1 mm]
.
Housing Material and Plating
Aluminum Alloy, Chem Film
Connectors
Description
Connector 1
Connector 2
Coupled Connectors
Type
SMA Female
SMA Female
SMA Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Dual Directional 50 dB SMA Coupler From 20 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1004
PE2CP1004
PE2CP1004 REV 1.0
Dual Directional 50 dB SMA Coupler From
20 MHz to 1,000 MHz Rated To 200 Watts


Similar Part No. - PE2CP1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1000 PASTERNACK-PE2CP1000 Datasheet
351Kb / 3P
Dual Directional 50 dB N Coupler From 2 MHz
PE2CP1001 PASTERNACK-PE2CP1001 Datasheet
349Kb / 3P
Dual Directional 50 dB SMA Coupler From 20 MHz to 520 MHz Rated To 200 Watts
PE2CP1002 PASTERNACK-PE2CP1002 Datasheet
350Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 500 Watts
PE2CP1003 PASTERNACK-PE2CP1003 Datasheet
354Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 1000 Watts
PE2CP1005 PASTERNACK-PE2CP1005 Datasheet
351Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 1,000 MHz Rated To 500 Watts
More results

Similar Description - PE2CP1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1005 PASTERNACK-PE2CP1005 Datasheet
351Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 1,000 MHz Rated To 500 Watts
PE2CP1006 PASTERNACK-PE2CP1006 Datasheet
352Kb / 3P
Dual Directional 50 dB SC Coupler From 20 MHz to 1,000 MHz Rated To 1000 Watts
PE2CP1008 PASTERNACK-PE2CP1008 Datasheet
352Kb / 3P
Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 1000 Watts
PE2CP1009 PASTERNACK-PE2CP1009 Datasheet
351Kb / 3P
Dual Directional 40 dB SMA Coupler From 100 MHz to 500 MHz Rated To 200 Watts
PE2217-10 PASTERNACK-PE2217-10 Datasheet
213Kb / 3P
Dual Directional 10 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 10 Watts
PE2217-20 PASTERNACK-PE2217-20 Datasheet
212Kb / 3P
Dual Directional 20 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2217-30 PASTERNACK-PE2217-30 Datasheet
213Kb / 3P
Dual Directional 30 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2CP1001 PASTERNACK-PE2CP1001 Datasheet
349Kb / 3P
Dual Directional 50 dB SMA Coupler From 20 MHz to 520 MHz Rated To 200 Watts
PE2CP1021 PASTERNACK-PE2CP1021 Datasheet
353Kb / 3P
Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1007 PASTERNACK-PE2CP1007 Datasheet
351Kb / 3P
Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 500 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com