Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE80T1002 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE80T1002
Description  Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T1002 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE80T1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE80T1002
PE80T1002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz PE80T1002
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com