Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998C8D Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4998C8D
Description  High Performance Programmable Dual Linear Hall Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C8D Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4998C8D Datasheet HTML 17Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 18Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 19Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 20Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 21Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 22Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 23Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 24Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TLE4998C8D Grade1
SPC Output Definition
Technical Product Description
21
Revision 1.0, 2014-05-21
The CRC checksum includes the status nibble and the data nibbles and can be used to check the validity of the
decoded data. The sensor is available for the next sample 90 μs after the falling edge of the end pulse. The
sampling time (when values are taken for temperature compensation) is always defined as the beginning of the
synchronization period. During this period, the resulting data is always calculated from scratch.
The number of transmitted SPC nibbles is programmable to customize the amount of information sent by the
sensor. The frame contains a 16 bit Hall value and an 8bit temperature value in the full configuration.
The temperature is coded as an 8 bit value. The value is transferred in unsigned integer format and corresponds
to the range between -55 °C and +200 °C, so a transferred value of 55 corresponds to 0 °C. The temperature is
additional information and although it is not calibrated, may be used for a plausibility check, for example. Table 9-5
shows the mapping between junction temperature and the transmitted value in the SPC frame.
The status nibble allows to check internal states and conditions of the sensor.
Depending on the selected SPC mode, the first two bits of the status nibble contain either the selected
magnetic range or the ID of the sensor and allow therefore an easy interpretation of the received data.
The third bit is set to 1 for the first transmission after the sensor returns from an overvoltage operation with
disabled open drain stage to regular operation (see Chapter 7).
The fourth bit is switched to 1 for the first data package transferred after a reset. This allows the detection of
low-voltage situations or EMC problems of the sensor.
Table 9-3
Frame Register
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Frame register
F
2
bit
Table 9-4
Frame Selection
Frame Type
Parameter F
Data Nibbles
16 bit Hall, 8 bit temperature
0
6 nibbles
16 bit Hall
1
4 nibbles
12 bit Hall, 8 bit temperature
2
5 nibbles
12 bit Hall
3
3 nibbles
Table 9-5
Mapping of Temperature Value
Junction Temperature
Typ. Decimal Value from Sensor
Note
- 55 °C
0
Theoretical lower limit1)
1) Theoretical range of temperature values, not operating temperature range.
0°C
55
25 °C
80
200 °C
255
Theoretical upper limit1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com