Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8209-2 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8209-2
Description  SPI Programmable H-Bridge
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8209-2 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8209-2 Datasheet HTML 8Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 9Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 10Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 11Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 12Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 13Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 14Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 15Page - Infineon Technologies AG TLE8209-2 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
TLE8209-2
Power Supply
Data Sheet
12
Rev. 1.4, 2014-10-28
5.4
Electrical Characteristics Power Supply and VDD-Monitoring
Electrical Characteristics: Power Supply and VDD-Monitoring
V
S = 5 V to 28 V; VDD = 5.0 V, Tj = -40 ⋅C to 150 ⋅C, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
Supply
5.4.1
Supply Current
I
VS
–8
20
µA
I
OUT = 0 A, VDD = 0V,
V
S < 18 V, Tj < 125°C
–2.1
4mA
bridge disabled,
I
OUT = 0 A,
5 V <
V
S < 18 V
–2.5
5mA
f = 2 kHz, I
OUT = 0 A,
5 V <
V
S < 18 V
–4
9mA
f = 10 kHz, I
OUT = 0 A,
5 V <
V
S < 18 V
–4.8
13
mA
f = 10 kHz, I
OUT = 0 A,
5 V <
V
S < 28 V
5.4.2
Functional Reset Threshold
V
DD_RES
–1.4
2.5
V
–
5.4.3
Power On Reset Threshold
V
DD_POR
3.5
3.75
4.0
V
–
5.4.4
Power On Reset Delay
Time
t
POR
–0.22
0.5
ms
V
DD = on --> output
stage active, no load
5.4.5
VDD Input current
I
DD
–7
9mA
4.5V < VDD < 5.5V
5.4.6
VDDIO Input current
I
DDIO
–
30
100
µA
SPI-mode
no load at SO
no SPI communication
5.4.7
SF-mode Threshold
V
DDIO_L
––
1.0
V
–
5.4.8
SPI-mode Threshold
V
DDIO_H
2.0
–
–
V
–
5.4.9
Mode selection hysteresis
V
DDIO_HYS
0.2
0.5
1.0
V
–
V
DD-Monitoring
5.4.10
Overvoltage threshold
V
DD_THH
5.25
5.4
5.5
V
Voltage referred to
GNDABE
5.4.11
Undervoltage threshold
V
DD_THL
4.2
4.3
4.4
V
5.4.12
Test mode reduced
Overvoltage threshold
V
DD_TEST_H
4.2
4.3
4.4
V
5.4.13
Test mode increased
Undervoltage threshold
V
DD_TEST_L
5.25
5.4
5.5
V
5.4.14
Filter time for glitch
suppression
t
FIL
60
100
135
μs–
5.4.15
Maximum Slew Rate on
VDD1)
1) Not subject to production test; specified by design
V
DD_slew
––
0.5
V/µs
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com