Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-ITSW Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-ITSW
Description  Rear Panel Mount with Reverse Bayonet Coupling
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-ITSW Datasheet(HTML) 2 Page - Glenair, Inc.

  240-ITSW Datasheet HTML 1Page - Glenair, Inc. 240-ITSW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-95
Dimensions in inches (millimeters) and are subject to change without notice.
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
240-ITSW
VG 95234 Type Receptacle Connector
Rear Panel Mount with Reverse Bayonet Coupling
Table I: Dimensions
Shell
Size
Ø A
+.000 (.00)
-.006 (.15)
Ø B
Max
C
±.008
(±.20)
D
Max
E
+.016 (4.0)
-.000 (0.0)
(±.20)
F
Bsc
G
±.012
(±.30)
H
Thread
J Thread
2A
10SL
.717
(18.2)
.638
(16.2)
.110
(2.8)
1.650
(41.9)
.717 (18.2)
.719
(18.3)
1.000
(25.4)
M4
.625-24 UNEF
14S
.969
(24.6)
.756
(19.2)
.126
(3.2)
1.650
(41.9)
.717 (18.2)
.906
(23.0)
1.181
(30.0)
M4
.750-20 UNEF
16S
1.079
(27.4)
.882
(22.4)
.126
(3.2)
1.650
(41.9)
.717 (18.2)
.969
(24.6)
1.280
(32.5)
M4
.875-20 UNEF
16
1.079
(27.4)
.882
(22.4)
.126
(3.2)
1.800
(45.7)
.907 (23.0)
.969
(24.6)
1.280
(32.5)
M4
.875-20 UNEF
18
1.213
(30.8)
1.008
(25.6)
.157
(4.0)
1.800
(45.7)
.907 (23.0)
1.063
(27.0)
1.378
(35.0)
M4
1.000-20 UNEF
20
1.346
(34.2)
1.142
(29.0)
.157
(4.0)
1.800
(45.7)
.907 (23.0)
1.157
(29.4)
1.496
(38.0)
M4
1.125-18 UNEF
22
1.472
(37.4)
1.268
(32.2)
.157
(4.0)
1.800
(45.7)
.907 (23.0)
1.250
(31.8)
1.614
(41.0)
M4
1.250-18 UNEF
24
1.610
(40.9)
1.390
(35.3)
.157
(4.0)
1.800
(45.7)
.907 (23.0)
1.375
(34.9)
1.752
(44.5)
M4
1.375-18 UNEF
28
1.839
(46.7)
1.630
(41.4)
.157
(4.0)
1.800
(45.7)
.947 (24.1)
1.563
(39.7)
2.000
(50.8)
M5
1.625-18 UNEF
32
2.102
(53.4)
1.882
(47.8)
.157
(4.0)
1.800
(45.7)
.947 (24.1)
1.750
(44.5)
2.244
(57.0)
M5
1.875-16 UN
36
2.346
(59.6)
2.130
(54.1)
.157
(4.0)
1.800
(45.7)
.947 (24.1)
1.937
(49.2)
2.500
(63.5)
M5
2.0625-16 UN
40
2.579
(65.5)
2.323
(59.0)
.157
(4.0)
1.800
(45.7)
.947 (24.1)
2.187
(55.5)
2.752
(70.0)
M5
2.3125-16 UN
Table III: Capacitor Array Code
Capacitance Range
Class
C - Circuit (pF)
X
80,000 - 120,000
Y
40,000 - 60,000
Z
30,000 - 45,000
A
19,000 - 28,000
B
16,000 - 22,500
C
9,000 - 16,500
Table II: Connector Class
Sym
Material
Finish Description
ME
Aluminum
Electroless Nickel
NF
Cadmium O.D. Over Electroless Nickel
ZL
Stainless Steel Electro-Deposited Nickel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com